| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST10F296E bảng dữ liệu(PDF) 305 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F296E bảng dữ liệu(HTML) 305 Page - STMicroelectronics |
|
305 / 346 page ![]() Obsolete Product(s) - Obsolete Product(s) ST10F296E Electrical characteristics 305/346 Nonlinearity error Nonlinearity error is the deviation between the actual and the best-fitting AD conversion characteristics (see Figure 98): – Differential nonlinearity error is the actual step dimension versus the ideal one (1 LSBIDEAL). – Integral nonlinearity error is the distance between the center of the actual step and the center of the bisector line, in the actual characteristics. Note that for integral nonlinearity error, the effects of offset, gain and quantization errors are not included. Note: The bisector characteristic is obtained by drawing a line from 1/2 LSB to a point before the first step of the real characteristic, and another line from 1/2 LSB to a point after the last step of the real characteristic (see Figure 98). Total unadjusted error The total unadjusted error (TUE) specifies the maximum deviation from the ideal characteristic. The value provided in this datasheet represents the maximum error with respect to the entire characteristic. It is a combination of the offset, gain and integral linearity errors. The different errors may compensate each other depending on the relative sign of the offset and gain errors (see TUE in Figure 98). Figure 98. AD conversion characteristic 1. Legend: (1) Example of an actual transfer curve (2) The ideal transfer curve (3) Differential Nonlinearity Error (DNL) (4) Integral Nonlinearity Error (INL) (5) Center of a step of the actual transfer curve (6) Quantization Error (1/2 LSB) (7) Total Unadjusted Error (TUE) (2) (1) (3) (4) (5) Offset error (OFS) Offset error (OFS) Gain error (GE) 1 LSB (ideal) VAIN (LSBIDEAL) [LSBIDEAL = VAREF/1024] Digital out (HEX) 3FF 3FE 3FD 3FC 3FB 3FA 005 004 003 002 001 000 007 006 13 5 7 1024 1022 1020 1018 24 6 (6) (7) Bisector characteristic Ideal characteristic Obsolete Product(s) - Obsolete Product(s) |