| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST10F296E bảng dữ liệu(PDF) 107 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F296E bảng dữ liệu(HTML) 107 Page - STMicroelectronics |
|
107 / 346 page ![]() Obsolete Product(s) - Obsolete Product(s) ST10F296E Capture/compare (CAPCOM) units 107/346 Figure 21. CAPCOM unit block diagram 1. The CAPCOM2 unit provides 16 capture inputs, but only 12 compare outputs. CC24I to CC27I are inputs only. Figure 22. Block diagram of CAPCOM timers T0 and T7 Pin Tx input control 2n n = 3...10 GPT2 timer T6 Pin TxIN CPU clock Mode control (capture or compare) 16 Capture inputs Compare outputs Pin Ty Input Control 2n n = 3...10 GPT2 timer T6 over/underflow CPU clock Reload register TxREL CAPCOM timer Tx Interrupt request Sixteen 16-bit (capture/compare) registers over/underflow CAPCOM timer Ty Reload register TyREL 16 Capture/compare(1) interrupt requests Interrupt request x = 0. 7 y = 1. 8 Pin X Txl CPU clock TxR MUX GPT2 timer T6 over/underflow Edge select TxIN Txl Txl TxM Input control Reload register TxREL CAPCOM timer Tx TxIR Interrupt request x = 0. 7 Obsolete Product(s) - Obsolete Product(s) |