| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST7MC2S6-Auto bảng dữ liệu(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7MC2S6-Auto bảng dữ liệu(HTML) 24 Page - STMicroelectronics |
|
24 / 371 page ![]() Obsolete Product(s) - Obsolete Product(s) Pin description ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto 24/371 9 7 PA3/PWM0/AIN0 I/O CT X ei1 X X X Port A3 PWM output 0 ADC analog input 0 (5) (5) PA4 (HS)/ARTCLK I/O CT HS X XX X Port A4 PWM-ART external clock 10 8 PA5/ARTIC1/AIN1 I/O CT X ei1 X X X Port A5 PWM-ART input capture 1 ADC analog input 1 (5) (5) PA6/ARTIC2 I/O CT X ei1 X X Port A6 PWM-ART input capture 2 PA7/AIN2 I/O CT X ei1 X X X Port A7 ADC analog input 2 11 9 PB0/MCVREF I/O CT X X X X X Port B0 MTC voltage reference 12 10 PB1/MCIA I/O CT X X X X X Port B1 MTC input A 13 11 PB2/MCIB I/O CT X X X X X Port B2 MTC input B 14 12 PB3/MCIC I/O CT X X X X X Port B3 MTC input C 15 (5) PB4/MISO I/O CT X XX X Port B4 SPI master in/slave out data 16 PB5/MOSI/AIN3 I/O CT X XX X Port B5 SPI master out/slave in data ADC analog input 3 17 PB6/SCK I/O CT HS X ei2 X X Port B6 SPI serial clock 18 PB7/SS/AIN4 I/O CT HS X ei2 X X Port B7 SPI slave select (active low) ADC analog input 4 (5) PG4 I/O TT X XX X Port G4 PG5 I/O TT X XX X Port G5 PG6 I/O TT X XX X Port G6 PG7 I/O TT X XX X Port G7 PC0 I/O CT HS X ei2 X X Port C0 (5) (5) PC1/MCCFI0(8)/AIN5 I/O CT X ei2 X X X Port C1 MTC current feedback input 0(8) ADC analog input 5 19 13 PC2/OAP I/O CT X ei2 X X X Port C2 Op-amp positive input 20 14 PC3/OAN I/O CT X X ei2 X X X Port C3 Op-amp negative input Table 2. Device pin description(1) (continued) Pin number Pin name Level Port Main function (after reset) Alternate function(2) Input Output Obsolete Product(s) - Obsolete Product(s) |