| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST7MC1K2-Auto bảng dữ liệu(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7MC1K2-Auto bảng dữ liệu(HTML) 17 Page - STMicroelectronics |
|
17 / 371 page ![]() Obsolete Product(s) - Obsolete Product(s) ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto List of figures 17/371 Figure 99. Step ratio bits decoding and accuracy results and BEMF sampling rate . . . . . . . . . . . . . 225 Figure 100. Tachogenerator period acquisition using MTIM timer. . . . . . . . . . . . . . . . . . . . . . . . . . . . 227 Figure 101. Encoder clock frequency measure using MTIM timer. . . . . . . . . . . . . . . . . . . . . . . . . . . . 227 Figure 102. Hall sensor period acquisition using MTIM timer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 229 Figure 103. Overview of MTIM timer in speed measurement mode . . . . . . . . . . . . . . . . . . . . . . . . . . 230 Figure 104. Auto-updated prescaler functional diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 232 Figure 105. Prescaler auto-change example . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 233 Figure 106. Current window and feedback filters. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 235 Figure 107. Current feedback . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 238 Figure 108. Sampling clock generation block(1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 240 Figure 109. Channel manager block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 241 Figure 110. PWM application in voltage or current sensorless mode (see Table 133) . . . . . . . . . . . . 244 Figure 111. PWM application in voltage or current sensor mode (see Table 134) . . . . . . . . . . . . . . . 245 Figure 112. Deadtime waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 246 Figure 113. Deadtime waveform with delay greater than the negative PWM pulse. . . . . . . . . . . . . . . 246 Figure 114. Deadtime waveform with delay greater than the positive PWM pulse . . . . . . . . . . . . . . . 246 Figure 115. Channel manager output block diagram with PWM generator delivering three PWM signals. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 248 Figure 116. Channel manager output block diagram with PWM generator delivering 1 PWM signal . 250 Figure 117. Complementary PWM signals with chopping frequency on high and low side drivers . . . 252 Figure 118. PWM generator block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 253 Figure 119. Counting sequence in center-aligned and edge-aligned mode . . . . . . . . . . . . . . . . . . . . 254 Figure 120. Center-aligned PWM waveforms (compare 0 register = 8). . . . . . . . . . . . . . . . . . . . . . . . 255 Figure 121. Edge-aligned PWM waveforms (compare 0 register = 8) . . . . . . . . . . . . . . . . . . . . . . . . . 256 Figure 122. Comparison between 12-bit and 8-bit PWM mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 257 Figure 123. Update rate examples depending on mode and MREP register setting . . . . . . . . . . . . . . 258 Figure 124. General view of the MTC for PM BLDC motor control . . . . . . . . . . . . . . . . . . . . . . . . . . . 289 Figure 125. General view of the MTC configured for Induction motor control (proposal) . . . . . . . . . . 290 Figure 126. Page mapping for motor control . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 293 Figure 127. Normal op-amp operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 295 Figure 128. ADC block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 298 Figure 129. Pin loading conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 312 Figure 130. Pin input voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 313 Figure 131. fCPU max versus VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 315 Figure 132. Typical IDD in RUN vs fCPU . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 317 Figure 133. Typical IDD in SLOW vs fCPU . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 318 Figure 134. Typical IDD in Wait vs fCPU . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 318 Figure 135. Typical IDD in Slow Wait vs fCPU. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 319 Figure 136. Typical application with an external clock source . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 321 Figure 137. Typical application with a crystal or ceramic resonator. . . . . . . . . . . . . . . . . . . . . . . . . . . 322 Figure 138. PLL and clock detector signal start up sequence . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 324 Figure 139. Two typical applications with unused I/O pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 330 Figure 140. Typical IPU vs. VDD with VIN =VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 330 Figure 141. Typical RPU vs. VDD with VIN =VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 330 Figure 142. Typical VOL at VDD = 5V (standard) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 331 Figure 143. Typical VOL at VDD = 5V (high-sink) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 331 Figure 144. Typical VDD -VOH at VDD = 5V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 332 Figure 145. RESET pin protection when LVD is enabled(1)(2)(4). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 333 Figure 146. RESET pin protection when LVD is disabled(1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 334 Figure 147. Two typical applications with VPP pin(1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 334 Figure 148. SPI slave timing diagram with CPHA = 0(1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 337 Figure 149. SPI slave timing diagram with CPHA = 1(1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 337 Obsolete Product(s) - Obsolete Product(s) |