| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPC570S40E1 bảng dữ liệu(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC570S40E1 bảng dữ liệu(HTML) 13 Page - STMicroelectronics |
|
13 / 68 page ![]() DocID024492 Rev 6 13/68 SPC570S40Ex, SPC570S50Ex Block diagram 67 Wakeup unit (WKPU) The wakeup unit supports up to 18 external sources that can generate interrupts or wakeup events, of which 1 can cause non-maskable interrupt requests or wakeup events. Crossbar (XBAR) switch Supports simultaneous connections between two master ports and three slave ports. The crossbar supports a 32-bit address bus width and a 64-bit data bus width. Table 3. SPC570Sx series block summary (continued) Block Function |