công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC56EL70XX bảng dữ liệu(PDF) 2 Page - STMicroelectronics

tên linh kiện SPC56EL70XX
Giải thích chi tiết về linh kiện  This errata sheet describes all the functional
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL70XX bảng dữ liệu(HTML) 2 Page - STMicroelectronics

  SPC56EL70XX Datasheet HTML 1Page - STMicroelectronics SPC56EL70XX Datasheet HTML 2Page - STMicroelectronics SPC56EL70XX Datasheet HTML 3Page - STMicroelectronics SPC56EL70XX Datasheet HTML 4Page - STMicroelectronics SPC56EL70XX Datasheet HTML 5Page - STMicroelectronics SPC56EL70XX Datasheet HTML 6Page - STMicroelectronics SPC56EL70XX Datasheet HTML 7Page - STMicroelectronics SPC56EL70XX Datasheet HTML 8Page - STMicroelectronics SPC56EL70XX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Contents
SPC56EL70xx, SPC564L70xx
2/15
DocID023968 Rev 4
Contents
1
Functional problems . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
1.1
e3320: Flash: single bit correction status is not available in the Error
Correction Status Module (ECSM) and in the Fault Collection and Control
Unit (FCCU) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
1.2
e3697: e200z: Exceptions generated on speculative prefetch . . . . . . . . . 5
1.3
e4016: ADC: Presampling on channels 9, 10, 15 leads to incorrect results
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
1.4
e4168: ADC: "Abort switch" aborts the ongoing injected channel as well as
the upcoming normal channel . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
1.5
e4186: ADC: triggering an ABORT or ABORTCHAIN before the conversion
starts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
1.6
e4334: MC_RGM: Device stays in reset state on external reset assertion
7
1.7
e4340: LINFlexD: Buffer overrun can not be detected in UART Rx FIFO
mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
1.8
e0063: MC_ME: ME_PCTL18 not protected by the register protection . . . 8
1.9
e6726: NPC: MCKO clock may be gated one clock period early when MCKO
frequency is programmed as SYS_CLK/8.and gating is enabled . . . . . . . 8
1.10
e6967: eDMA: Possible misbehavior of a preempted channel when using
continuous link mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
1.11
e7120: NZxC3: DQTAG implemented as variable length field in DQM
message . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
1.12
e7274: LINFlexD: Consecutive headers received by LIN Slave triggers error
interrupt . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
1.13
e7322: FlexCAN: Bus Off Interrupt bit is erroneously asserted when soft
reset is performed while . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
1.14
e7352: DSPI: reserved bits in slave CTAR are writable . . . . . . . . . . . . . . 10
1.15
e7394: MC_ME: Incorrect mode may be entered on low-power mode exit
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .11
1.16
ERR007877: FlexPWM: do not enable the fault filter . . . . . . . . . . . . . . . . .11
1.17
ERR008070: SWG: GPIO[55] functionality is not available unless the SWG
is powered down . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .11
Appendix A
Additional information. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
A.1
Reference document . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
A.2
Acronyms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15