| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPC564L54x bảng dữ liệu(PDF) 131 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC564L54x bảng dữ liệu(HTML) 131 Page - STMicroelectronics |
|
131 / 165 page ![]() DocID15457 Rev 12 131/165 SPC56ELx, SPC564Lx Electrical characteristics 164 Figure 18. Functional Reset Sequence Short The reset sequences shown in Figure 17 and Figure 18 are triggered by functional reset events. RESET is driven low during these two reset sequences only if the corresponding functional reset source (which triggered the reset sequence) was enabled to drive RESET low for the duration of the internal reset sequence(c). 3.20.3 Reset sequence trigger mapping The following table shows the possible trigger events for the different reset sequences. It specifies the reset sequence start conditions as well as the reset sequence end indications that are the basis for the timing data provided in Table 33. c. See RGM_FBRE register for more details. PHASE3 DRUN Application Execution TFRS, min < TReset < TFRS, max Reset Sequence Trigger Reset Sequence Start Condition RESET_B RESET Table 34. Reset sequence trigger — reset sequence Reset Sequence Trigger Reset Sequence Start Condition Reset Sequence End Indication Reset Sequence Destructive Reset Sequence, BIST enabled(1) Destructive Reset Sequence, BIST disabled(1) External Reset Sequence Long, BIST enabled Functional Reset Sequence Long Functional Reset Sequence Short All internal destructive reset sources (LVDs or internal HVD during power-up and during operation) Destructive reset Release of RESET(2) triggers cannot trigger cannot trigger cannot trigger Assertion of RESET(3) External reset via RESET cannot trigger triggers(4) triggers(5) triggers(6) |