| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPC56EL60X bảng dữ liệu(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC56EL60X bảng dữ liệu(HTML) 26 Page - STMicroelectronics |
|
26 / 165 page ![]() Introduction SPC56ELx, SPC564Lx 26/165 DocID15457 Rev 12 1.5.28 Serial communication interface module (LINFlexD) The LINFlexD module (LINFlex with DMA support) on this device features the following: Supports LIN Master mode, LIN Slave mode and UART mode LIN state machine compliant to LIN1.3, 2.0, and 2.1 specifications Manages LIN frame transmission and reception without CPU intervention LIN features – Autonomous LIN frame handling – Message buffer to store as many as 8 data bytes – Supports messages as long as 64 bytes – Detection and flagging of LIN errors (Sync field, delimiter, ID parity, bit framing, checksum and Time-out errors) – Classic or extended checksum calculation – Configurable break duration of up to 50-bit times – Programmable baud rate prescalers (13-bit mantissa, 4-bit fractional) – Diagnostic features (Loop back, LIN bus stuck dominant detection) – Interrupt driven operation with 16 interrupt sources LIN slave mode features – Autonomous LIN header handling – Autonomous LIN response handling UART mode – Full-duplex operation – Standard non return-to-zero (NRZ) mark/space format – Data buffers with 4-byte receive, 4-byte transmit – Configurable word length (8-bit, 9-bit, 16-bit, or 17-bit words) – Configurable parity scheme: none, odd, even, always 0 – Speed as fast as 2 Mbit/s – Error detection and flagging (Parity, Noise and Framing errors) – Interrupt driven operation with four interrupt sources – Separate transmitter and receiver CPU interrupt sources – 16-bit programmable baud-rate modulus counter and 16-bit fractional – Two receiver wake-up methods Support for DMA enabled transfers 1.5.29 Deserial Serial Peripheral Interface (DSPI) The DSPI modules provide a synchronous serial interface for communication between the SPC56ELx/SPC564Lx and external devices. A DSPI module provides these features: Full duplex, synchronous transfers Master or slave operation Programmable master bit rates Programmable clock polarity and phase |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |