công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC56EL60X bảng dữ liệu(PDF) 143 Page - STMicroelectronics

tên linh kiện SPC56EL60X
Giải thích chi tiết về linh kiện  Dual issue five-stage pipeline core
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL60X bảng dữ liệu(HTML) 143 Page - STMicroelectronics

Back Button SPC56EL60X Datasheet HTML 139Page - STMicroelectronics SPC56EL60X Datasheet HTML 140Page - STMicroelectronics SPC56EL60X Datasheet HTML 141Page - STMicroelectronics SPC56EL60X Datasheet HTML 142Page - STMicroelectronics SPC56EL60X Datasheet HTML 143Page - STMicroelectronics SPC56EL60X Datasheet HTML 144Page - STMicroelectronics SPC56EL60X Datasheet HTML 145Page - STMicroelectronics SPC56EL60X Datasheet HTML 146Page - STMicroelectronics SPC56EL60X Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 165 page
background image
DocID15457 Rev 12
143/165
SPC56ELx, SPC564Lx
Electrical characteristics
164
Figure 32. DSPI classic SPI timing — master, CPHA = 0
12
tHO
D Data hold time for outputs
Master (MTFE = 0)
–2
—
ns
Slave
6
—
Master (MTFE = 1, CPHA = 0)
6
—
Master (MTFE = 1, CPHA = 1)
–2
—
1. Slave Receive Only Mode can operate at a maximum frequency of 60 MHz. In this mode, the DSPI can receive data on
SIN, but no valid data is transmitted on SOUT.
Table 41. DSPI timing (continued)
No.
Symbol
Parameter
Conditions
Min
Max
Unit
Data
Last Data
First Data
First Data
Data
Last Data
SIN
SOUT
PCSx
SCK Output
4
9
12
1
11
10
4
SCK Output
(CPOL=0)
(CPOL=1)
3
2
Note:
The numbers shown are referenced in Table 41.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More