công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L6759DTR bảng dữ liệu(PDF) 36 Page - STMicroelectronics

tên linh kiện L6759DTR
Giải thích chi tiết về linh kiện  Fully configurable through PMBus
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6759DTR bảng dữ liệu(HTML) 36 Page - STMicroelectronics

Back Button L6759DTR Datasheet HTML 32Page - STMicroelectronics L6759DTR Datasheet HTML 33Page - STMicroelectronics L6759DTR Datasheet HTML 34Page - STMicroelectronics L6759DTR Datasheet HTML 35Page - STMicroelectronics L6759DTR Datasheet HTML 36Page - STMicroelectronics L6759DTR Datasheet HTML 37Page - STMicroelectronics L6759DTR Datasheet HTML 38Page - STMicroelectronics L6759DTR Datasheet HTML 39Page - STMicroelectronics L6759DTR Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
Efficiency optimization
L6759D
36/51
Doc ID 023240 Rev 1
In fact, high driving voltages are required to get good efficiencies in high loading conditions.
On the contrary, in lower loading conditions, such high driving voltage penalizes efficiency
because of high losses in Qgs. GDC allows to tune the MOSFET driving voltage according
to the delivered current.
Default configuration considers GDC always switched to VDRV except when the current
monitor is lower than N*10 or when entering power states higher than PS01h (included): in
this case, to further increase efficiency, simply supply the Phase1 and Phase2 driver
through the GDC pin. Their driving voltage is automatically updated as lower power states
are commanded through the SVI interface.
Further optimization may be possible by properly setting the automatic GDC threshold
through a dedicated PMBus command. It is then possible to modify the gate driving voltage
switch-over in PS00h. According to the positioning of the threshold compared with DPM
thresholds, it is possible to achieve different performances. Simulations and/or bench tests
may be of help in defining the best performing configuration achievable with the active and
passive components available.
Figure 13 gives a comparison of the efficiency improvements with DPM/GDC enabled with
respect to standard solutions.
Figure 13.
Efficiency performances with and without enhancements (DPM, GDC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com