| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L6758A bảng dữ liệu(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6758A bảng dữ liệu(HTML) 18 Page - STMicroelectronics |
|
18 / 42 page ![]() VR12 serial data bus and IC configuration L6758A 18/42 DocID023298 Rev 2 10 15 N ⋅ 30 + 15 40 29 12 20 35 21 12 22.6 30 13 39 82 25 5 47 110 N ⋅ 30 + 10 40 29 10 27 35 21 22 68 30 13 10 36 25 5 18 75 N ⋅ 30 + 5 40 29 15 75 35 21 10 59 30 13 10 75 25 5 10 100 N ⋅ 30 40 29 10 150 35 21 10 220 30 13 10 Open 25 5 1. Suggested values, divider must be connected between VCC5 pin and GND. 2. N is the number of phases programmed for the multi-phase section. Table 9. BOOT / ADDR pinstrapping(1) R down [k Ω] R up [k Ω] BOOT ADDR[h](2) Multi-phase [V] Single-phase [V] Single-phase mode Link-Rest 10 1.5 0.000 1.100 VSA 1 μs06 10 3.6 0.000 1.100 VSA 1 μs 00 27 11 0.000 1.000 VSA 06 13 7.5 0.000 1.000 VSA 1 μs 00 56 36 0.000 0.900 VSA 06 18 16 0.000 0.900 VSA 1 μs00 15 14.7 0.000 1.100 GFX 32 μs06 56 75 0.000 1.100 GFX 32 μs 00 10 15 1.100 1.100 GFX 06 Table 8. IMAX / SIMAX pinstrapping (1) (continued) R down [k Ω] R up [k Ω] IMAX / SIMAX IMAX [A](2) SIMAX [A] GFX VSA |