công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CHA2 bảng dữ liệu(PDF) 3 Page - Bothhand USA, LP.

tên linh kiện CHA2
Giải thích chi tiết về linh kiện  Isolated DC-DC Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BOTHHAND [Bothhand USA, LP.]
Trang chủ  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

CHA2 bảng dữ liệu(HTML) 3 Page - Bothhand USA, LP.

  CHA2 Datasheet HTML 1Page - Bothhand USA, LP. CHA2 Datasheet HTML 2Page - Bothhand USA, LP. CHA2 Datasheet HTML 3Page - Bothhand USA, LP. CHA2 Datasheet HTML 4Page - Bothhand USA, LP. CHA2 Datasheet HTML 5Page - Bothhand USA, LP. CHA2 Datasheet HTML 6Page - Bothhand USA, LP. CHA2 Datasheet HTML 7Page - Bothhand USA, LP. CHA2 Datasheet HTML 8Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BOTHHAND
USA
PRELIMINARY
Isolated DC-DC Converters
CHA2 Series -- 2Watt
E-mail:
sales@bothhandUSA.com
http://www.bothhandusa.com
Rev:20150617A
Page
3
of
8
Note
1. Io below this value will not damage these converters, however, they may not meet all listed specifications.
2. Typical value, tested at nominal input and full load.
3. For each output.
4. Specifications subject to change without notice.
Mechanical Dimensions
Single output
CHA2-05S1
Printed Face
19.50
(0.76)
6.00
(0.24)
9.50
(0.37)
0.50
(0.02)
3.05
(0.12)Min
2.54
(0.10)
12.70
(0.50)
0.50
(0.02)
0.25
(0.01)
1.25
(0.05)
Units: mm (inch)
Tolerance: .xx ±0.25( ±0.01)
8.50
(0.33)
5.00
(0.20)
Pb
17.00
(0.67)
8.00
(0.31)
0.50
(0.02)
Pin
1 KVdc - Single
1
+Vin
2
-Vin
3
No Pin
4
-Vo
5
No Pin
6
+Vo
7
No Pin



Html Pages

1 2 3 4 5 6 7 8