| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM1766 bảng dữ liệu(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1766 bảng dữ liệu(HTML) 13 Page - STMicroelectronics |
|
13 / 29 page ![]() STM32CubeF3 firmware package overview UM1766 13/29 DocID026352 Rev 8 STM32CubeF3 features a rich set of examples and applications at all levels making it easy to understand and use any HAL driver and/or middleware components. These examples are running on the STMicroelectronics boards listed in Table 2. STM32CubeF3 supports Nucleo-32, Nucleo-64 and Nucleo-144 boards. • Nucleo-64 and Nucleo-144 boards support Adafruit LCD display Arduino™ UNO shields which embed a microSD connector and a joystick in addition to the LCD. • Nucleo-32 boards support Gravitech 7-segment display Arduino™ NANO shields which allow displaying up to four-digit numbers and characters. The Arduino™ shield drivers are provided within the BSP component. Their usage is illustrated by a demonstration firmware. The STM32CubeF3 firmware can run on any compatible hardware. Simply update the BSP drivers to port the provided examples on your board if its hardware features are the same (e.g. LED, LCD display, buttons). Table 2. Boards for STM32F3 Series Board part number STM32F3 devices supported NUCLEO-F303RE STM32F303RE STM32303E-EVAL STM32F303VE 32F3348DISCOVERY STM32F334C8 NUCLEO-F334R8 STM32F334R8 NUCLEO-F302R8 STM32F302R8 STM32373C-EVAL STM32F373VC NUCLEO-F303K8 STM32F303K8 NUCLEO-F303ZE STM32F303ZE STM32F3DISCOVERY STM32F303VC STM32303C-EVAL STM32F303VC |