công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UM1662 bảng dữ liệu(PDF) 4 Page - STMicroelectronics

tên linh kiện UM1662
Giải thích chi tiết về linh kiện  Getting started with the STM32F429 Discovery kit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1662 bảng dữ liệu(HTML) 4 Page - STMicroelectronics

  UM1662 Datasheet HTML 1Page - STMicroelectronics UM1662 Datasheet HTML 2Page - STMicroelectronics UM1662 Datasheet HTML 3Page - STMicroelectronics UM1662 Datasheet HTML 4Page - STMicroelectronics UM1662 Datasheet HTML 5Page - STMicroelectronics UM1662 Datasheet HTML 6Page - STMicroelectronics UM1662 Datasheet HTML 7Page - STMicroelectronics UM1662 Datasheet HTML 8Page - STMicroelectronics UM1662 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Hardware configuration and layout
UM1662
4/11
DocID025120 Rev 1
1
Hardware configuration and layout
1.1
Features
The STM32F429 Discovery offers the following features:
STM32F429ZIT6 microcontroller featuring 2 MB of Flash memory, 256 KB of RAM in
an LQFP144 package
On-board ST-LINK/V2 with selection mode switch to use the kit as a standalone ST-
LINK/V2 (with SWD connector for programming and debugging)
Board power supply: through the USB bus or from an external 3 V or 5 V supply voltage
L3GD20, ST MEMS motion sensor, 3-axis digital output gyroscope
TFT LCD (Thin-film-transistor liquid-crystal display) 2.4", 262K colors RGB,
240 x 320 dots
SDRAM 64 Mbits (1 Mbit x 16-bit x 4-bank) including an AUTO REFRESH MODE, and
a power-saving
Six LEDs:
LD1 (red/green) for USB communication
LD2 (red) for 3.3 V power-on
Two user LEDs:
LD3 (green), LD4 (red)
Two USB OTG LEDs:
LD5 (green) VBUS and LD6 (red) OC (over-current)
Two pushbuttons (user and reset)
USB OTG with micro-AB connector
Extension header for LQFP144 I/Os for a quick connection to the prototyping board
and an easy probing
1.2
Microcontroller
The STM32F429ZIT6U device is based on the high-performance ARM® Cortex™-M4 32-bit
RISC core operating at a frequency of up to 180 MHz The Cortex-M4 core features a
Floating point unit (FPU) single precision which supports all ARM single-precision
data-processing instructions and data types. It also implements a full set of DSP instructions
and a memory protection unit (MPU) which enhances application security.
The STM32F429ZIT6U device incorporates high-speed embedded memories (2 Mbytes of
Flash memory, 256 Kbytes of SRAM), up to 4 Kbytes of backup SRAM, and an extensive
range of enhanced I/Os and peripherals connected to two APB buses, two AHB buses and
a 32-bit multi-AHB bus matrix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com