| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM1467 bảng dữ liệu(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1467 bảng dữ liệu(HTML) 32 Page - STMicroelectronics |
|
32 / 46 page ![]() UM1467 Using Atollic TrueSTUDIO® Doc ID 022172 Rev 1 32/46 Figure 42. TrueSTUDIO Debug window The debugger in the Atollic TrueSTUDIO can be used to debug source code at C and assembly levels, set breakpoints, monitor individual variables and watch events during the code execution. To run your application, from the Run menu, select Resume, or alternatively click the Resume button in the toolbar. 8.3 Creating your first application using TrueSTUDIO toolchain TrueSTUDIO includes a dedicated connection to the STM32F4DISCOVERY board. When choosing this connection, all required files (startup file, firmware library, etc.) are added to the workspace and sample files are generated in the project folder to simplify development. The debug settings are automatically configured by selecting STM32F4DISCOVERY as the evaluation board. Follow these steps to create your first application using TrueSTUDIO toolchain. 1. Open the TrueSTUDIO®/STM32 product folder and select the Atollic TrueSTUDIO® STM32 product name. The program launches and asks for the Workspace location. Browse to select an existing workspace, or enter a new workspace location and click OK to confirm. |