| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LE45CD-TR bảng dữ liệu(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LE45CD-TR bảng dữ liệu(HTML) 6 Page - STMicroelectronics |
|
6 / 24 page ![]() Electrical characteristics LEXX 6/24 DocID2573 Rev 15 4 Electrical characteristics Refer to test circuits, TJ = 25 °C, CI = 0.1 µF, CO = 2.2 µF unless otherwise specified. Table 4: LE30AB electrical characteristics Symbol Parameter Test condition Min. Typ. Max. Unit VO Output voltage IO = 10 mA VI = 5 V 2.970 3 3.030 V IO = 10 mA VI = 5 V TJ = -25 to 85 °C 2.940 3.060 VI Operating input voltage IO = 100 mA 18 V IO Output current limit 150 mA ∆VO Line regulation VI = 3.7 to 18 V IO = 0.5 mA 3 15 mV ∆VO Load regulation VI = 4 V IO = 0.5 to 100 mA 3 15 mV Id Quiescent current VI = 4 to 18 V IO = 0 mA ON mode 0.5 1 mA VI = 4 to 18 V IO = 100 mA 1.5 3 VI = 6 V OFF mode 50 100 µA SVR Supply voltage rejection IO = 5 mA VI = 5 ± 1 V f = 120 Hz 81 dB f = 1 kHz 76 f = 10 kHz 60 eN Output noise voltage B = 10 Hz to 100 kHz 50 µV Vd Dropout voltage IO = 100 mA 0.2 0.4 V IO = 100 mA TJ = -40 to 125 °C 0.5 VIL Control input logic low TJ = -40 to 125 °C 0.8 V VIH Control input logic high TJ = -40 to 125 °C 2 V II Control input current VI = 6 V VC = 6 V 10 µA CO Output bypass capacitance ESR = 0.1 to 10 Ω IO = 0 to 100 mA 2 10 µF |