| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LDK130 bảng dữ liệu(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LDK130 bảng dữ liệu(HTML) 6 Page - STMicroelectronics |
|
6 / 27 page ![]() Pin configuration LDK130 6/27 DocID024210 Rev 3 2 Pin configuration Figure 2. Pin connection (top view) Table 1. Pin description (SOT23-5L, SOT323-5L) Pin Symbol Function SOT23/ SOT323 DFN6 1 6 IN Input voltage of the LDO 2 2 GND Common ground 3 4 EN Enable pin logic input: Low = shutdown, High = active 4 3 BYP(1)/ADJ 1. Bypass capacitor for noise reduction on fixed version is optional, if not used the relevant pin must be left floating with no routing on the board. Bypass capacitor on fixed versions, Adjustable pin on ADJ versions 5 1 OUT Output voltage of the LDO - 5 N/C Not connected. This pin should be connected to GND SOT23-5L, SOT323-5L DFN6 (1.2 x 1.3) |