| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LD39130S bảng dữ liệu(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LD39130S bảng dữ liệu(HTML) 12 Page - STMicroelectronics |
|
12 / 27 page ![]() Typical characteristics LD39130S 12/27 DocID025199 Rev 2 6 Typical characteristics (CIN = COUT = 1 µF, VEN = VIN = 1.8 V, VOUT = VADJ, Tj = 25 °C unless otherwise specified) Figure 5. Output voltage vs. temperature (VIN = 1.8 V, IOUT = 5 mA, normal mode) Figure 6. Output voltage vs. temperature (VIN = 1.8 V, IOUT = 300 mA, normal mode) Figure 7. Output voltage vs. temperature (VIN = 1.4 V, IOUT = 1 mA, auto green mode) Figure 8. Output voltage vs. temperature (VIN = 5.5 V, IOUT = 1 mA, auto green mode) |