| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VSC7927 bảng dữ liệu(PDF) 4 Page - Vitesse Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
VSC7927 bảng dữ liệu(HTML) 4 Page - Vitesse Semiconductor Corporation |
|
4 / 12 page ![]() VITESSE SEMICONDUCTOR CORPORATION Preliminary Data Sheet VSC7927 SONET/SDH 2.5Gb/s Laser Diode Driver Page 4 G52201-0, Rev 3.0 04/05/01/01 © VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012 Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com Internet: www.vitesse.com Calculation of the Maximum Case Temperature The VSC7927 is designed to operate with a maximum junction temperature of 125°C. The rise from the case to junction is determined by the power dissipation of the device. The power dissipation is determined by the VSS current plus the operating IMOD and IBIAS currents. The power of the chip is determined by the following formula: PD = (-VSS * ISS) + ((VIOUT – VSS) * IMOD) + ((VIBIAS – VSS) * IBIAS) For example with: VSS =-5.2V IMOD =40mA IBIAS =20mA VIBIAS =-2.0V VIOUT =-2.0V PD = (-5.2 * 150mA) + ((5.2 - 2.0) * 40mA) + ((5.2-- 2.0) * 20mA) PD = 780mW + 128mW + 64mW = 972mW The thermal rise from junction-to-case is θ JC * PD. For the ceramic package, θJCP = 25°C/W. Thus the ther- mal rise is: 25°C/W * 972W = 24.3°C The maximum case temperature is: 125°C – 24.3°C = 100.7°C The absolute maximum power dissipation of the device is at: VSS =-5.5V IMOD =60mA IBIAS =50mA VIBIAS =0V VIOUT =0V PD = (5.5 * 150mA) + (5.5 * 60mA) + (5.5mA * 50mA) PD = 1.43W This will net a maximum junction to case thermal rise of: 1.43W * 25°C/W = 35.8°C This situation will allow maximum case temperature of: 35.8°C – 58°C = 89.2°C |