| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L6995S bảng dữ liệu(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6995S bảng dữ liệu(HTML) 12 Page - STMicroelectronics |
|
12 / 26 page ![]() Obsolete Product(s) - Obsolete Product(s) L6995S 12/26 Figure 10. Demoboard Schematic Diagram 5.2 Jumper Connection Table 6. Jumper connection with integrator * This component is not necessary, depends from the output ESR capacitor. See the integrator section. Table 7. Jumper connection without integrator Component Connection C4 Mounted C7 Mounted * INT Close NOINT Open Component Connection C4 Not mounted C7 Not Mounted INT Open NOINT Close With Int. Without Int. J1 C24 C1 C23 R13 C21 Without Int. With Int C22 C5 R12 LM317LD R11 D2 Q4,5,6 Q1,2,3, C19 R2 R1 IN V L6995S INT VFB GNDSENSE SS OSC BOOT ILIM HGATE PHASE LGATE SHDN PGND GND NOSKIP VSENSE VREF OVP PGOOD Rn Rn C7 C13,14,15,16,17,18 C4 C7,8,9,10,11,12 L LOAD C6 5V D1 Vout R3 R6 R7 C2 C20 R9 R10 C3 5V 5V R4 R5 R8 |