| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
A5975D bảng dữ liệu(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
A5975D bảng dữ liệu(HTML) 20 Page - STMicroelectronics |
|
20 / 50 page ![]() Closing the loop A5975D 20/50 Doc ID 018760 Rev 1 Figure 10. Error amplifier equivalent circuit and compensation network The poles of this transfer function are (if Cc >> C0+CP): Equation 3 Equation 4 whereas the zero is defined as: Equation 5 FP1 is the low frequency which sets the bandwidth, while the zero FZ1 is usually put near to the frequency of the double pole of the LC filter (see below). FP2 is usually at a very high frequency. F P1 1 2 π R 0 C c ⋅⋅ ⋅ ---------------------------------- = F P2 1 2 π R c C 0 C p + () ⋅⋅ ⋅ ---------------------------------------------------- = F Z1 1 2 π R c C c ⋅⋅ ⋅ --------------------------------- = |