công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

A5974D bảng dữ liệu(PDF) 26 Page - STMicroelectronics

tên linh kiện A5974D
Giải thích chi tiết về linh kiện  Zero load current operation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5974D bảng dữ liệu(HTML) 26 Page - STMicroelectronics

Back Button A5974D Datasheet HTML 22Page - STMicroelectronics A5974D Datasheet HTML 23Page - STMicroelectronics A5974D Datasheet HTML 24Page - STMicroelectronics A5974D Datasheet HTML 25Page - STMicroelectronics A5974D Datasheet HTML 26Page - STMicroelectronics A5974D Datasheet HTML 27Page - STMicroelectronics A5974D Datasheet HTML 28Page - STMicroelectronics A5974D Datasheet HTML 29Page - STMicroelectronics A5974D Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
Application information
A5974D
26/46
DocID018774 Rev 2
The overall losses are:
Equation 26
The junction temperature of device will be:
Equation 27
Equation 28
8.3.2
Thermal impedance ZTHJ-A(t)
The thermal impedance of the system, considered as the device in the HSO8 package
soldered on the application board, takes on an important rule when the maximum output
power is limited by the static thermal performance and not by the electrical performance of
the device. Therefore the embedded power elements could manage a higher current but the
system is already taking away the maximum power generated by the internal losses.
In case the output power increases, the thermal shutdown will be triggered because the
junction temperature triggers the designed thermal shutdown threshold.
The RTH is a static parameter of the package: it sets the maximum power loss which can be
generated from the system given the operation conditions.
If we suppose, as an example, TA = 60 C, 140 C is the maximum operating temperature
before triggering the thermal shutdown and RTH = 40 C/W, so the maximum power loss
achievable with the thermal performance of the system will be:
Equation 29
PTOT
RDSON IOUT

2
DVIN IOUT
TSW
FSW VIN IQ=
+
+
=
0.4 2.5
2
0.3 12 2.5
70
10
9
–
250
10
3
12 2.5
10
3
–
+
+
1.3W
=
TJ
TA RthJA
–
PTOT
+
=
TJ
60 1.3 42 115
C
+
=
PMAX DC
T
RTH
-----------
TJ MAX TAMB
–
RTH
--------------------------------------
80
40
------
2W
==
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com