| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STTH60W03CW bảng dữ liệu(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STTH60W03CW bảng dữ liệu(HTML) 6 Page - STMicroelectronics |
|
6 / 8 page ![]() Package information STTH60W03C 6/8 Doc ID 023144 Rev 1 2 Package information ● Epoxy meets UL94, V0 ● Cooling method: by conduction (C) ● Recommended torque value: 0.55 N·m (1.0 N·m maximum) In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Table 6. TO-247 dimensions Ref. Dimensions Millimeters Inches Min. Max. Min. Max. A 4.85 5.15 0.191 0.203 D 2.20 2.60 0.086 0.102 E 0.40 0.80 0.015 0.031 F 1.00 1.40 0.039 0.055 F1 3.00 typ. 0.118 typ. F2 2.00 typ. 0.078 typ. F3 2.00 2.40 0.078 0.094 F4 3.00 3.40 0.118 0.133 G 10.90 typ. 0.429 typ. H 15.45 15.75 0.608 0.620 L 19.85 20.15 0.781 0.793 L1 3.70 4.30 0.145 0.169 L2 18.50 typ. 0.728 typ. L3 14.20 14.80 0.559 0.582 L4 34.60 typ. 1.362 typ. L5 5.50 typ. 0.216 typ. M 2.00 3.00 0.078 0.118 V 5° typ. 5° typ. V2 60° typ. 60° typ. Dia. 3.55 3.65 0.139 0.143 H L2 L5 L L4 D E M L1 L3 F2 F3 F4 F1 V2 F(x3) G A V V Dia |