công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL431CLPR bảng dữ liệu(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TL431CLPR
Giải thích chi tiết về linh kiện  Precision Programmable Reference
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TL431CLPR bảng dữ liệu(HTML) 25 Page - Texas Instruments

Back Button TL431CLPR Datasheet HTML 21Page - Texas Instruments TL431CLPR Datasheet HTML 22Page - Texas Instruments TL431CLPR Datasheet HTML 23Page - Texas Instruments TL431CLPR Datasheet HTML 24Page - Texas Instruments TL431CLPR Datasheet HTML 25Page - Texas Instruments TL431CLPR Datasheet HTML 26Page - Texas Instruments TL431CLPR Datasheet HTML 27Page - Texas Instruments TL431CLPR Datasheet HTML 28Page - Texas Instruments TL431CLPR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 77 page
background image
Time (s)
-5E-6
-3E-6
-1E-6
1E-6
3E-6
5E-6
-6
-3
0
3
6
9
12
15
18
21
24
27
D001
Vsup
Vka=Vref
R1=10k: & R2=10k:
R1=38k: & R2=10k:
TL431, TL431A, TL431B
TL432, TL432A, TL432B
www.ti.com
SLVS543O – AUGUST 2004 – REVISED JANUARY 2015
10.2.2.2.2
Total Accuracy
When programming the output above unity gain (VKA=VREF), TL43xx is susceptible to other errors that may effect
the overall accuracy beyond VREF. These errors include:
•
R1 and R2 accuracies
•
VI(dev) - Change in reference voltage over temperature
•
ΔVREF / ΔVKA - Change in reference voltage to the change in cathode voltage
•
|zKA| - Dynamic impedance, causing a change in cathode voltage with cathode current
Worst case cathode voltage can be determined taking all of the variables in to account. Application note
SLVA445 assists designers in setting the shunt voltage to achieve optimum accuracy for this device.
10.2.2.2.3
Stability
Though TL43xx is stable with no capacitive load, the device that receives the shunt regulator's output voltage
could present a capacitive load that is within the TL43xx region of stability, shown inFigure 16 and Figure 18.
Also, designers may use capacitive loads to improve the transient response or for power supply decoupling.
When using additional capacitance between Cathode and Anode, refer to Figure 16 and Figure 18. Also,
application note SLVA482 will provide a deeper understanding of this devices stability characteristics and aid the
user in making the right choices when choosing a load capacitor.
10.2.2.2.4
Start-up Time
As shown in Figure 28, TL43xx has a fast response up to ~2 V and then slowly charges to it's programmed
value. This is due to the compensation capacitance (shown in Figure 24) the TL43xx has to meet it's stability
criteria. Despite the secondary delay, TL43xx still has a fast response suitable for many clamp applications.
10.2.2.3 Application Curves
Figure 28. TL43xx Start-up Response
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: TL431 TL431A TL431B TL432 TL432A TL432B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com