| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320VC5441 bảng dữ liệu(PDF) 14 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320VC5441 bảng dữ liệu(HTML) 14 Page - Texas Instruments |
|
14 / 91 page ![]() Introduction 14 December 1999 − Revised October 2008 SPRS122F Table 2−1. Pin Assignments for TMS320VC5441GGU (169-Ball BGA Package)† BALL # SIGNAL NAME BALL # SIGNAL NAME BALL # SIGNAL NAME BALL # SIGNAL NAME A1 HA[0]/HCNTL0 A2 DVDD A3 VSS A4 B_BDR0 A5 CVDD A6 VSS A7 DVDD A8 VSS A9 CVDD A10 D_BDR0 A11 VSS A12 DVDD A13 D_BFSX0 B1 HA[1]/HCNTL1 B2 B_BFSX0 B3 B_BFSR0 B4 B_BDX0 B5 CVDD B6 HD[7] B7 HD[3] B8 HD[0] B9 CVDD B10 D_GPIO0/D_XF B11 D_BDX0 B12 D_BFSR0 B13 HA[18] C1 VSS C2 HA[3]/B_HINT C3 B_GPIO1/B_BIO C4 B_GPIO0/B_XF C5 CVDD C6 B_BCLKR0 C7 HD[4] C8 D_GPIO3/D_TOUT C9 CVDD C10 D_BCLKX0 C11 HA[17] C12 HA[15] C13 VSS D1 CLKMD D2 B_NMI D3 B_RS D4 HA[4]/C_HINT D5 CVDD D6 B_BCLKX0 D7 HD[5] D8 D_GPIO1/D_BIO D9 CVDD D10 D_BCLKR0 D11 D_RS D12 D_INT D13 TRST E1 DVDD E2 TESTB E3 TDI E4 B_INT E5 HA[2]/A_HINT E6 B_GPIO3/B_TOUT E7 HD[6] E8 HD[1] E9 D_GPIO2/D_WTOUT E10 TESTD E11 TMS E12 TCK E13 DVDD F1 VSSA F2 VSS F3 HCS F4 HAS F5 CLKIN F6 B_GPIO2/B_WTOUT F7 HD[2] F8 HA[16] F9 D_NMI F10 EMU1/OFF F11 HPI_SEL2 F12 HPI_SEL1 F13 VSS G1 VCCA G2 CVDD G3 EMU0 G4 BCLKR2 G5 BCLKX2 G6 HRDY G7 BDR1 G8 HMODE G9 HDS2 G10 C_NMI G11 RESET G12 HR/W G13 CVDD H1 VSS H2 BFSR2 H3 BFSX2 H4 CLKOUT H5 A_INT H6 HA[7] H7 HD[9] H8 C_GPIO1/C_BIO H9 BCLKX1 H10 BCLKR1 H11 BFSR1 H12 BFSX1 H13 VSS J1 DVDD J2 BDR2 J3 BDX2 J4 A_RS J5 A_GPIO1/A_BIO J6 HD[8] J7 HD[13] J8 C_BCLKR0 J9 HA[11] J10 C_INT J11 C_RS J12 BDX1 J13 DVDD K1 VSS K2 A_NMI K3 TDO K4 A_GPIO3/A_TOUT K5 CVDD K6 A_GPIO2/A_WTOUT K7 HD[12] K8 C_BCLKX0 K9 CVDD K10 HA[13] K11 HA[14] K12 TESTC K13 HDS1 L1 HA[5]/D_HINT L2 HA[6] L3 HA[8] L4 A_GPIO0/A_XF L5 CVDD L6 A_BCLKR0 L7 HD[11] L8 HD[15] L9 CVDD L10 C_GPIO0/C_XF L11 C_GPIO2/C_WTOUT L12 HA[12] L13 VSS M1 VSS M2 HA[9] M3 A_BFSR0 M4 A_BDR0 M5 CVDD M6 A_BCLKX0 M7 HD[10] M8 HD[14] M9 CVDD M10 C_GPIO3/C_TOUT M11 C_BDX0 M12 C_BFSR0 M13 HA[10] N1 A_BFSX0 N2 DVDD N3 VSS N4 A_BDX0 N5 CVDD N6 VSS N7 DVDD N8 VSS N9 CVDD N10 C_BDR0 N11 VSS N12 DVDD N13 C_BFSX0 † Cells highlighted in gray indicate pins that perform a multiplexed function. |