| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TNETV2685ZUT5 bảng dữ liệu(PDF) 62 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETV2685ZUT5 bảng dữ liệu(HTML) 62 Page - Texas Instruments |
|
62 / 191 page ![]() TMS320DM647 TMS320DM648 SPRS372H – MAY 2007 – REVISED APRIL 2012 www.ti.com Table 6-3. PSC Register Memory Map (continued) HEX ADDRESS RANGE REGISTER ACRONYM DESCRIPTION 0x0204 6870 MDSTAT28 Module Status 28 Register (VIC) 0x0204 6874 MDSTAT29 Module Status 29 Register (McASP) 0x0204 6878 MDSTAT30 Module Status 30 Register (UART) 0x0204 687C MDSTAT31 Module Status 31 Register (VICP) 0x0204 6880 – Reserved 0x0204 6884 MDSTAT33 Module Status 33 Register (C64x+ CPU) 0x0204 6888 MDSTAT34 Module Status 34 Register (Ethernet Subsystem) 0x0204 688C-0x0204 69FF – Reserved 0x0204 6A00 MDCTL0 Module Control 0 Register (EDMACC) 0x0204 6A04 – Reserved 0x0204 6A08 – Reserved 0x0204 6A0C – Reserved 0x0204 6A10 – Reserved 0x0204 6A14 – Reserved 0x0204 6A18 – Reserved 0x0204 6A1C MDCTL7 Module Control 7 Register (DDR2) 0x0204 6A20 MDCTL8 Module Control 8 Register (HPI) 0x0204 6A24 MDCTL9 Module Control 9 Register (VLYNQ) 0x0204 6A28 MDCTL10 Module Control 10 Register (GPIO) 0x0204 6A2C MDCTL11 Module Control 11 Register (TIMER 0) 0x0204 6A30 MDCTL12 Module Control 12 Register (TIMER 1) 0x0204 6A34 – Reserved 0x0204 6A38 – Reserved 0x0204 6A3C – Reserved 0x0204 6A40 – Reserved 0x0204 6A44 MDCTL17 Module Control 17 Register (SPI) 0x0204 6A48 MDCTL18 Module Control 18 Register (I2C) 0x0204 6A4C MDCTL19 Module Control 19 Register (PCI) 0x0204 6A50 MDCTL20 Module Control 20 Register (Video Port 0) 0x0204 6A54 MDCTL21 Module Control 21 Register (Video Port 1) 0x0204 6A58 MDCTL22 Module Control 22 Register (Video Port 2) 0x0204 6A5C MDCTL23 Module Control 23 Register (Video Port 3) 0x0204 6A60 MDCTL24 Module Control 24 Register (Video Port 4) 0x0204 6A64 MDCTL25 Module Control 25 Register (EMIFA) 0x0204 6A68 MDCTL26 Module Control 26 Register (TIMER 2) 0x0204 6A6C MDCTL27 Module Control 27 Register (TIMER 3) 0x0204 6A70 MDCTL28 Module Control 28 Register (VIC) 0x0204 6A74 MDCTL29 Module Control 29 Register (McASP) 0x0204 6A78 MDCTL30 Module Control 30 Register (UART) 0x0204 6A7C MDCTL31 Module Control 31 Register (VICP) 0x0204 6A80 – Reserved 0x0204 6A84 MDCTL33 Module Control 33 Register (C64x+ CPU) 0x0204 6A88 MDCTL34 Module Control 34 Register (Ethernet Subsystem) 0x0204 6A90- 0x0204 6FFF – Reserved 62 Peripheral Information and Electrical Specifications Copyright © 2007–2012, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TMS320DM647 TMS320DM648 |