công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL431ACLPR bảng dữ liệu(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TL431ACLPR
Giải thích chi tiết về linh kiện  Precision Programmable Reference
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TL431ACLPR bảng dữ liệu(HTML) 29 Page - Texas Instruments

Back Button TL431ACLPR Datasheet HTML 25Page - Texas Instruments TL431ACLPR Datasheet HTML 26Page - Texas Instruments TL431ACLPR Datasheet HTML 27Page - Texas Instruments TL431ACLPR Datasheet HTML 28Page - Texas Instruments TL431ACLPR Datasheet HTML 29Page - Texas Instruments TL431ACLPR Datasheet HTML 30Page - Texas Instruments TL431ACLPR Datasheet HTML 31Page - Texas Instruments TL431ACLPR Datasheet HTML 32Page - Texas Instruments TL431ACLPR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 77 page
background image
TL432 - DBZ
(TOP VIEW)
REF
1
CATHODE
2
3
ANODE
Rsup
Rref
Vsup
CL
Vin
GND
GND
TL431
RS
0.1%
IO
VI(BATT)
I
O
V
ref
R
S
=
TL431, TL431A, TL431B
TL432, TL432A, TL432B
www.ti.com
SLVS543O – AUGUST 2004 – REVISED JANUARY 2015
System Examples (continued)
Figure 39. Precision Constant-Current Sink
11 Power Supply Recommendations
When using TL43xx as a Linear Regulator to supply a load, designers will typically use a bypass capacitor on the
output/cathode pin. When doing this, be sure that the capacitance is within the stability criteria shown in
Figure 16 and Figure 18.
In order to not exceed the maximum cathode current, be sure that the supply voltage is current limited. Also, be
sure to limit the current being driven into the Ref pin, as not to exceed it's absolute maximum rating.
For applications shunting high currents, pay attention to the cathode and anode trace lengths, adjusting the width
of the traces to have the proper current density.
12 Layout
12.1 Layout Guidelines
Bypass capacitors should be placed as close to the part as possible. Current-carrying traces need to have widths
appropriate for the amount of current they are carrying; in the case of the TL43xx, these currents will be low.
12.2 Layout Example
Figure 40. DBZ Layout example
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: TL431 TL431A TL431B TL432 TL432A TL432B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com