| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TNETV6446AINZWT bảng dữ liệu(PDF) 223 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV6446AINZWT bảng dữ liệu(HTML) 223 Page - Texas Instruments |
|
223 / 227 page ![]() TMS320DM6446 www.ti.com SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010 7 Mechanical Packaging and Orderable Information The following table(s) show the thermal resistance characteristics for the PBGA–ZWT mechanical package. 7.1 Thermal Data for ZWT Table 7-1. Thermal Resistance Characteristics (PBGA Package) [ZWT] NO. °C/W(1) AIR FLOW (m/s)(2) 1 R ΘJC Junction-to-case 6.54 N/A 2 R ΘJB Junction-to-board 15.62 N/A 3 29.75 0.00 4 26.78 1.0 R ΘJA Junction-to-free air 5 26.20 2.00 6 25.80 3.00 7 0.11 0.00 8 0.15 1.0 PsiJT Junction-to-package top 9 0.16 2.00 10 0.16 3.00 11 14.79 0.00 12 14.66 1.0 PsiJB Junction-to-board 13 14.66 2.00 14 14.66 3.00 (1) These measurements were conducted in a JEDEC defined 1S2P system and will change based on environment as well as application. For more information, see these EIA/JEDEC standards – EIA/JESD51-2, Integrated Circuits Thermal Test Method Environment Conditions - Natural Convection (Still Air) and JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages. (2) m/s = meters per second 7.2 Packaging Information The following packaging information and addendum reflect the most current data available for the designated device(s). This data is subject to change without notice and without revision of this document. Copyright © 2005–2010, Texas Instruments Incorporated Mechanical Packaging and Orderable Information 223 Submit Documentation Feedback Product Folder Link(s): TMS320DM6446 |