| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TNETV1644ZDU6 bảng dữ liệu(PDF) 17 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV1644ZDU6 bảng dữ liệu(HTML) 17 Page - Texas Instruments |
|
17 / 306 page ![]() 2.5 Pin Assignments 2.5.1 Pin Map (Bottom View) W V U T R P N M L K 10 9 8 7 6 5 4 3 2 1 10 9 8 7 6 5 4 3 2 1 DDR_D[3] VSS HECC_TX/ TOUT1L/ UTXD1/ GP[55] VSS UCTS0/ GP[87] UTXD0/ GP[86] URXD0/ GP[85] SCL SDA TCK RESETOUT EMU1 POR DVDD33 TDO EMU0 TRST DVDDR2 TMS DDR_D[1] DDR_DQM[0] DDR_D[2] PCIEN TDI RESET RSV3 HECC_RX/ TINP1L/ URXD1/ GP[56] RSV2 CVDD VSS VSS VSS CVDD DVDDR2 DDR_A[11] DDR_A[12] DDR_CLK DDR_CLK DDR_D[14] VSS DVDD33 VSS DDR_D[5] DDR_D[6] DDR_D[9] VSS VSS DVDDR2 DDR_BA[2] VSS DDR_D[11] DDR_D[15] DDR_CKE CVDD VSS CVDD CVDD VSS DDR_DQM[1] DDR_CAS DDR_WE DDR_ZN VSS VSS DDR_DQS[1] DDR_RAS DDR_A[10] CVDD CVDD DVDDR2 DDR_D[4] DDR_D[8] DDR_D[13] DDR_BA[1] DDR_D[12] DVDDR2 CLKS1/ TINP0L/ GP[98] VSS VSS VSS DVDDR2 CLKOUT0/ PWM2/ GP[84] DVDD33 VSS DVDD33 DVDDR2 DVDDR2 VSS DVDDR2 DDR_CS CVDD DDR_DQS[0] DDR_D[10] DDR_BA[0] DDR_D[0] URTS0/ PWM0/ GP[88] DDR_D[7] W V U T R P N M L K VSS VSS DDR_A[8] DDR_A[8] TMS320DM6437 Digital Media Processor www.ti.com SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008 Extensive use of pin multiplexing is used to accommodate the largest number of peripheral functions in the smallest possible package. Pin multiplexing is controlled using a combination of hardware configuration at device reset and software programmable register settings. For more information on pin muxing, see Section 3.7, Multiplexed Pin Configurations of this document. Figure 2-2 through Figure 2-5 show the bottom view of the ZWT package pin assignments in four quadrants (A, B, C, and D). Figure 2-6 through Figure 2-9 show the bottom view of the ZDU package pin assignments in four quadrants (A, B, C, and D). Figure 2-2. ZWT Pin Map [Quadrant A] Submit Documentation Feedback Device Overview 17 |