| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320DM647CUTD7 bảng dữ liệu(PDF) 60 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM647CUTD7 bảng dữ liệu(HTML) 60 Page - Texas Instruments |
|
60 / 191 page ![]() TMS320DM647 TMS320DM648 SPRS372H – MAY 2007 – REVISED APRIL 2012 www.ti.com Table 6-2. LPSC Assignments LPSC NUMBER PERIPHERAL/ MODULE 0 EDMA3CC 1 Reserved 2 Reserved 3 Reserved 4 Reserved 5 Reserved 6 Reserved 7 DDR2 Memory Controller 8 UHPI 9 VLYNQ 10 GPIO 11 TIMER0 12 TIMER1 13 Reserved 14 Reserved 15 Reserved 16 Reserved 17 SPI 18 I2C 19 PCI 20 VP0 21 VP1 22 VP2 23 VP3 24 VP4 25 EMIFA 26 TIMER2 27 TIMER3 28 VIC 29 McASP 30 UART 31 VICP 32 Reserved 33 C64x+ CPU 34 Ethernet Subsystem Table 6-3. PSC Register Memory Map HEX ADDRESS RANGE REGISTER ACRONYM DESCRIPTION 0x0204 6000 PID Peripheral Revision and Class Information Register 0x0204 6004- 0x0204 600F – Reserved 0x0204 6010 – Reserved 0x0204 6014 Reserved 0x0204 6018 INTEVAL Interrupt Evaluation Register 0x0204 601C- 0x0204 603F – Reserved 0x0204 6040 – Reserved 0x0204 6044 MERRPR1 Module Error Pending 1 (mod 32- 63) Register 0x0204 6048- 0x0204 604F – Reserved 60 Peripheral Information and Electrical Specifications Copyright © 2007–2012, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TMS320DM647 TMS320DM648 |