công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ASP00886IRGCT bảng dữ liệu(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ASP00886IRGCT
Giải thích chi tiết về linh kiện  Mixed-Signal Microcontrollers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ASP00886IRGCT bảng dữ liệu(HTML) 29 Page - Texas Instruments

Back Button ASP00886IRGCT Datasheet HTML 25Page - Texas Instruments ASP00886IRGCT Datasheet HTML 26Page - Texas Instruments ASP00886IRGCT Datasheet HTML 27Page - Texas Instruments ASP00886IRGCT Datasheet HTML 28Page - Texas Instruments ASP00886IRGCT Datasheet HTML 29Page - Texas Instruments ASP00886IRGCT Datasheet HTML 30Page - Texas Instruments ASP00886IRGCT Datasheet HTML 31Page - Texas Instruments ASP00886IRGCT Datasheet HTML 32Page - Texas Instruments ASP00886IRGCT Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 128 page
background image
MSP430F5529, MSP430F5528, MSP430F5527, MSP430F5526
MSP430F5525, MSP430F5524, MSP430F5522, MSP430F5521
MSP430F5519, MSP430F5517, MSP430F5515, MSP430F5514, MSP430F5513
www.ti.com
SLAS590M – MARCH 2009 – REVISED NOVEMBER 2015
5.16 Crystal Oscillator, XT2
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1) (2)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
fOSC = 4 MHz, XT2OFF = 0, XT2BYPASS = 0,
200
XT2DRIVEx = 0, TA = 25°C
fOSC = 12 MHz, XT2OFF = 0, XT2BYPASS = 0,
260
XT2DRIVEx = 1, TA = 25°C
XT2 oscillator crystal
IDVCC.XT2
3.0 V
µA
current consumption
fOSC = 20 MHz, XT2OFF = 0, XT2BYPASS = 0,
325
XT2DRIVEx = 2, TA = 25°C
fOSC = 32 MHz, XT2OFF = 0, XT2BYPASS = 0,
450
XT2DRIVEx = 3, TA = 25°C
XT2 oscillator crystal
fXT2,HF0
XT2DRIVEx = 0, XT2BYPASS = 0(3)
4
8
MHz
frequency, mode 0
XT2 oscillator crystal
fXT2,HF1
XT2DRIVEx = 1, XT2BYPASS = 0 (3)
8
16
MHz
frequency, mode 1
XT2 oscillator crystal
fXT2,HF2
XT2DRIVEx = 2, XT2BYPASS = 0 (3)
16
24
MHz
frequency, mode 2
XT2 oscillator crystal
fXT2,HF3
XT2DRIVEx = 3, XT2BYPASS = 0 (3)
24
32
MHz
frequency, mode 3
XT2 oscillator logic-level
fXT2,HF,SW
square-wave input
XT2BYPASS = 1(4) (3)
0.7
32
MHz
frequency, bypass mode
XT2DRIVEx = 0, XT2BYPASS = 0,
450
fXT2,HF0 = 6 MHz, CL,eff = 15 pF
XT2DRIVEx = 1, XT2BYPASS = 0,
320
fXT2,HF1 = 12 MHz, CL,eff = 15 pF
Oscillation allowance for
OAHF
Ω
HF crystals(5)
XT2DRIVEx = 2, XT2BYPASS = 0,
200
fXT2,HF2 = 20 MHz, CL,eff = 15 pF
XT2DRIVEx = 3, XT2BYPASS = 0,
200
fXT2,HF3 = 32 MHz, CL,eff = 15 pF
fOSC = 6 MHz, XT2BYPASS = 0, XT2DRIVEx = 0,
0.5
TA = 25°C, CL,eff = 15 pF
tSTART,HF
Start-up time
3.0 V
ms
fOSC = 20 MHz, XT2BYPASS = 0, XT2DRIVEx = 2,
0.3
TA = 25°C, CL,eff = 15 pF
Integrated effective load
CL,eff
capacitance, HF
1
pF
mode(6)(1)
Duty cycle
Measured at ACLK, fXT2,HF2 = 20 MHz
40%
50%
60%
Oscillator fault
fFault,HF
XT2BYPASS = 1(8)
30
300
kHz
frequency(7)
(1)
Requires external capacitors at both terminals. Values are specified by crystal manufacturers. In general, an effective load capacitance
of up to 18 pF can be supported.
(2)
To improve EMI on the XT2 oscillator the following guidelines should be observed.
Keep the traces between the device and the crystal as short as possible.
Design a good ground plane around the oscillator pins.
Prevent crosstalk from other clock or data lines into oscillator pins XT2IN and XT2OUT.
Avoid running PCB traces underneath or adjacent to the XT2IN and XT2OUT pins.
Use assembly materials and processes that avoid any parasitic load on the oscillator XT2IN and XT2OUT pins.
If conformal coating is used, ensure that it does not induce capacitive or resistive leakage between the oscillator pins.
(3)
This represents the maximum frequency that can be input to the device externally. Maximum frequency achievable on the device
operation is based on the frequencies present on ACLK, MCLK, and SMCLK cannot be exceed for a given range of operation.
(4)
When XT2BYPASS is set, the XT2 circuit is automatically powered down. Input signal is a digital square wave with parametrics defined
in the Schmitt-trigger Inputs section of this data sheet.
(5)
Oscillation allowance is based on a safety factor of 5 for recommended crystals.
(6)
Includes parasitic bond and package capacitance (approximately 2 pF per pin).
Because the PCB adds additional capacitance, TI recommends verifying the correct load by measuring the ACLK frequency. For a
correct setup, the effective load capacitance should always match the specification of the used crystal.
(7)
Frequencies below the MIN specification set the fault flag. Frequencies above the MAX specification do not set the fault flag.
Frequencies between the MIN and MAX specifications might set the flag.
(8)
Measured with logic-level input frequency but also applies to operation with crystals.
Copyright © 2009–2015, Texas Instruments Incorporated
Specifications
29
Submit Documentation Feedback
Product Folder Links: MSP430F5529 MSP430F5528 MSP430F5527 MSP430F5526 MSP430F5525 MSP430F5524
MSP430F5522 MSP430F5521 MSP430F5519 MSP430F5517 MSP430F5515 MSP430F5514 MSP430F5513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com