| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM6524 bảng dữ liệu(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM6524 bảng dữ liệu(HTML) 16 Page - STMicroelectronics |
|
16 / 24 page ![]() DC and AC parameters STM6524 16/24 Doc ID 022335 Rev 3 7 DC and AC parameters This section summarizes the operating measurement conditions, and the DC and AC characteristics of the device. The parameters inTable 4: DC and AC characteristic that follow, are derived from tests performed under the measurement conditions summarized in Table 3: Operating and measurement conditions. Designers should check that the operating conditions in their circuit match the operating conditions when relying on the quoted parameters. Table 3. Operating and measurement conditions Symbol Parameter Value Unit VCC Supply voltage 1.65 to 5.5 V TA Ambient operating temperature -40 to +85 °C |