| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CDR33BP112B bảng dữ liệu(PDF) 2 Page - AVX Corporation |
|
|
|||||||||||||||||||||||||||||
CDR33BP112B bảng dữ liệu(HTML) 2 Page - AVX Corporation |
|
2 / 4 page ![]() 106 MIL-PRF-55681/Chips Military Part Number Identification CDR31 CDR31 to MIL-PRF-55681/7 Military Rated temperature WVDC Type Capacitance Capacitance and voltage- Designation 1 / in pF tolerance temperature limits AVX Style 0805/CDR31 (BP) CDR31BP1R0B--- 1.0 B,C BP 100 CDR31BP1R1B--- 1.1 B,C BP 100 CDR31BP1R2B--- 1.2 B,C BP 100 CDR31BP1R3B--- 1.3 B,C BP 100 CDR31BP1R5B--- 1.5 B,C BP 100 CDR31BP1R6B--- 1.6 B,C BP 100 CDR31BP1R8B--- 1.8 B,C BP 100 CDR31BP2R0B--- 2.0 B,C BP 100 CDR31BP2R2B--- 2.2 B,C BP 100 CDR31BP2R4B--- 2.4 B,C BP 100 CDR31BP2R7B--- 2.7 B,C,D BP 100 CDR31BP3R0B--- 3.0 B,C,D BP 100 CDR31BP3R3B--- 3.3 B,C,D BP 100 CDR31BP3R6B--- 3.6 B,C,D BP 100 CDR31BP3R9B--- 3.9 B,C,D BP 100 CDR31BP4R3B--- 4.3 B,C,D BP 100 CDR31BP4R7B--- 4.7 B,C,D BP 100 CDR31BP5R1B--- 5.1 B,C,D BP 100 CDR31BP5R6B--- 5.6 B,C,D BP 100 CDR31BP6R2B--- 6.2 B,C,D BP 100 CDR31BP6R8B--- 6.8 B,C,D BP 100 CDR31BP7R5B--- 7.5 B,C,D BP 100 CDR31BP8R2B--- 8.2 B,C,D BP 100 CDR31BP9R1B--- 9.1 B,C,D BP 100 CDR31BP100B--- 10 F,J,K BP 100 CDR31BP110B--- 11 F,J,K BP 100 CDR31BP120B--- 12 F,J,K BP 100 CDR31BP130B--- 13 F,J,K BP 100 CDR31BP150B--- 15 F,J,K BP 100 CDR31BP160B--- 16 F,J,K BP 100 CDR31BP180B--- 18 F,J,K BP 100 CDR31BP200B--- 20 F,J,K BP 100 CDR31BP220B--- 22 F,J,K BP 100 CDR31BP240B--- 24 F,J,K BP 100 CDR31BP270B--- 27 F,J,K BP 100 CDR31BP300B--- 30 F,J,K BP 100 CDR31BP330B--- 33 F,J,K BP 100 CDR31BP360B--- 36 F,J,K BP 100 CDR31BP390B--- 39 F,J,K BP 100 CDR31BP430B--- 43 F,J,K BP 100 CDR31BP470B--- 47 F,J,K BP 100 CDR31BP510B--- 51 F,J,K BP 100 CDR31BP560B--- 56 F,J,K BP 100 CDR31BP620B--- 62 F,J,K BP 100 CDR31BP680B--- 68 F,J,K BP 100 CDR31BP750B--- 75 F,J,K BP 100 CDR31BP820B--- 82 F,J,K BP 100 CDR31BP910B--- 91 F,J,K BP 100 Military Rated temperature WVDC Type Capacitance Capacitance and voltage- Designation 1 / in pF tolerance temperature limits AVX Style 0805/CDR31 (BP) cont’d CDR31BP101B--- 100 F,J,K BP 100 CDR31BP111B--- 110 F,J,K BP 100 CDR31BP121B--- 120 F,J,K BP 100 CDR31BP131B--- 130 F,J,K BP 100 CDR31BP151B--- 150 F,J,K BP 100 CDR31BP161B--- 160 F,J,K BP 100 CDR31BP181B--- 180 F,J,K BP 100 CDR31BP201B--- 200 F,J,K BP 100 CDR31BP221B--- 220 F,J,K BP 100 CDR31BP241B--- 240 F,J,K BP 100 CDR31BP271B--- 270 F,J,K BP 100 CDR31BP301B--- 300 F,J,K BP 100 CDR31BP331B--- 330 F,J,K BP 100 CDR31BP361B--- 360 F,J,K BP 100 CDR31BP391B--- 390 F,J,K BP 100 CDR31BP431B--- 430 F,J,K BP 100 CDR31BP471B--- 470 F,J,K BP 100 CDR31BP511A--- 510 F,J,K BP 50 CDR31BP561A--- 560 F,J,K BP 50 CDR31BP621A--- 620 F,J,K BP 50 CDR31BP681A--- 680 F,J,K BP 50 AVX Style 0805/CDR31 (BX) CDR31BX471B--- 470 K,M BX 100 CDR31BX561B--- 560 K,M BX 100 CDR31BX681B--- 680 K,M BX 100 CDR31BX821B--- 820 K,M BX 100 CDR31BX102B--- 1,000 K,M BX 100 CDR31BX122B--- 1,200 K,M BX 100 CDR31BX152B--- 1,500 K,M BX 100 CDR31BX182B--- 1,800 K,M BX 100 CDR31BX222B--- 2,200 K,M BX 100 CDR31BX272B--- 2,700 K,M BX 100 CDR31BX332B--- 3,300 K,M BX 100 CDR31BX392B--- 3,900 K,M BX 100 CDR31BX472B--- 4,700 K,M BX 100 CDR31BX562A--- 5,600 K,M BX 50 CDR31BX682A--- 6,800 K,M BX 50 CDR31BX822A--- 8,200 K,M BX 50 CDR31BX103A--- 10,000 K,M BX 50 CDR31BX123A--- 12,000 K,M BX 50 CDR31BX153A--- 15,000 K,M BX 50 CDR31BX183A--- 18,000 K,M BX 50 1 / The complete part number will include additional symbols to indicate capacitance tolerance, termination and failure rate level. Add appropriate failure rate Add appropriate termination finish Capacitance Tolerance Add appropriate failure rate Add appropriate termination finish Capacitance Tolerance |