công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCM16C010 bảng dữ liệu(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện PCM16C010
Giải thích chi tiết về linh kiện  Configurable PC Card Interface Chip
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

PCM16C010 bảng dữ liệu(HTML) 8 Page - National Semiconductor (TI)

Back Button PCM16C010 Datasheet HTML 4Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 5Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 6Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 7Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 8Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 9Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 10Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 11Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
50 Functional Description
The PCM16C02 provides an integrated solution to interfac-
ing dual function IO cards with the PC Card Bus The part
has a contiguous 1-kbyte RAM block to store attribute mem-
ory The IC also provides an EEPROM interface to serial
EEPROMs that use the MICROWIRE protocol At a mini-
mum a 16-kbit serial EEPROM is required The part allows
IO address windows to be programmed independently for
each function
51 ADDRESS MAPS
511 Attribute Memory Addressing
The Attribute Memory space contains both the Card Infor-
mation Structure (CIS) PC Card Registers for both IO func-
tions and PCM16C02 implementation specific registers
Note that PC Card Standard specifies that Attribute memory
may only be accessed on even address byte boundaries
The Attribute Memory space fragmentation is shown in Ta-
ble 5-1
TABLE 5-1 Attribute Memory Map
Register Description
Register Type
Address (Hex)
EEPROM
Card Information Structure
PC Card CIS
0x000 – 0x03E2
Yes
Pin Polarity Register
PCM16C02 Specific
0x03E4
Yes
PMGR and Clock Register
PCM16C02 Specific
0x03E6
Yes
CTERM Register
PCM16C02 Specific
0x03E8
Yes
Unused
PCM16C02 Specific
0x03EA
Yes
Reserved for Future Use Registers
PCM16C02 Specific
0x03EC – 0x03EE
Yes
Miscellaneous Register
PCM16C02 Specific
0x03F0
Yes
Reserved for Future Use Registers
PCM16C02 Specific
0x03F2 – 0x03F4
Yes
Wait State Timer Registers
PCM16C02 Specific
0x03F6
Yes
NAND Flash (NM29N16) Config Register
PCM16C02 Specific
0x03F8
Yes
Reserved for Future Use Register
PCM16C02 Specific
0x03FA
Yes
Watchdog Timer Register
PCM16C02 Specific
0x03FC
Yes
Reserved for Future Use Registers
PCM16C02 Specific
0x03FE
Yes
Card Information Structure
PC Card CIS
0x0400 – 0x07FE
Optional
ID Register
PCM16C02 Specific
0x1000
No
EEPROM Control Register
PCM16C02 Specific
0x1002
No
EEPROM Security Register
PCM16C02 Specific
0x1004
No
Reserved for Future Use Registers
PCM16C02 Specific
0x1006 – 0x101E
No
Function Configuration Option Register
PC Card
0x1020
No
Function Configuration Status Register
PC Card
0x1022
No
Function Pin Replacement Register
PC Card
0x1024
No
Unused
PC Card
0x1026
No
Function IO Event Register
PC Card
0x1028
No
Function Base A Register
PC Card Extension
0x102A
No
Function Base B Register
PC Card Extension
0x102C
No
Unused
PC Card Extension
0x102E – 0x1030
No
Function Limit Register
PC Card Extension
0x1032
No
Reserved for Future Use Registers
PC Card Extension
0x1034 – 0x103E
No
Reserved for Future Use Registers
PC Card Extension
0x1040 – 0x105E
No
http
www nationalcom
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com