công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

A1040C bảng dữ liệu(PDF) 2 Page - NEC

tên linh kiện A1040C
Giải thích chi tiết về linh kiện  The scalable enterprise server
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

A1040C bảng dữ liệu(HTML) 2 Page - NEC

  A1040C Datasheet HTML 1Page - NEC A1040C Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NEC Express5800/A1040c
Hardware Specifications
Cat.No. E03-16030002E
© 2016 NEC Corporation. All rights reserved. NEC, NEC logo are trademarks or registered trademarks of NEC Corporation that may be registered in Japan
and other jurisdictions. All trademarks identi ed with ® or ™ are registered trademarks or trademarks respectively. The information and speci cations
contained in this publication are subject to change without prior notice. NEC shall not be responsible for technical or editorial errors. Models may vary for
each country. Please refer to your local NEC representatives for further details.
EMEA (Europe, Middle East, Africa)
NEC Enterprise Solutions
www.nec-enterprise.com
Corporate Headquarters (Japan)
NEC Corporation
www.nec.com
North America (USA, Canada)
NEC Corporation of America
www.necam.com
APAC (South Asia, South East Asia, Oceania)
sg.nec.com
NEC Asia Pacic Pte. Ltd.
For further information please contact your local NEC representative or:
MODEL
Express5800/A1040c
Form factor / height
4U rack
Number of processors
1 to 4
Processors
Intel® Xeon® Processor E7-8890 v3 (2.5 GHz/18-core/45 MB)
Intel® Xeon® Processor E7-8880 v3 (2.3 GHz/18-core/45 MB)
Intel® Xeon® Processor E7-8870 v3 (2.1 GHz/18-core/45 MB)
Intel® Xeon® Processor E7-4850 v3 (2.2 GHz/14-core/35 MB)
Intel® Xeon® Processor E7-4820 v3 (1.9 GHz/10-core/25MB)
Intel® Xeon® Processor E7-4809 v3 (2.0 GHz/8-core/20 MB)
Intel® Xeon® Processor E7-8891 v3 (2.8 GHz/10-core/45 MB)
Intel® Xeon® Processor E7-8893 v3 (3.2 GHz/4-core/45 MB)
Memory type
DDR4-2133 Registered DIMM (8/16/32 GB), DDR4-2133 Load Reduced DIMM (32/64 GB)
Memory slots
64
Maximum memory
4 TB
Storage type
Hot plug 2.5-inch SAS HDD, Hot-plug 2.5-inch SAS SSD
Maximum internal drive bays
8
Maximum internal storage
HDD: 9.6 TB, SSD: 3.2 TB
Removable media
Internal or external drive (option)
Expansion slots
14x PCI Express 3.0 (x8 lane, x8 socket) (Low Profile, 167.6 mm in length)
2x PCI Express 3.0 (x4 lane, x8 socket) (Low Profile, 167.6 mm in length)
Network
1x Management LAN connector (1000 BASE-T / 100 BASE-TX / 10 BASE-T, RJ45, rear)
Maximum power consumption (200V) 2351 VA / 2304 Watt
Maximum weight
53 kg
Interface
5 x USB 2.0 (3x front, 1x rear, 1x internal), 1 x VGA (front), 1 x SUV (2x USB, 1x VGA, 1x Serial, rear)
Power
Up to 4 80 PLUS® Platinum certified power supply / Redundancy and hot plug supported
Video (VRAM)
Embedded in management controller chip (8 MB)
Dimensions (W x D x H)
443.0 x 719.3 x 174.5 mm (4U rack height)
482.6 x 891.0 x 175.5 mm (including protruding objects and guide rails)
Temperature and humidity conditions
(non-condensing)
Operating: 10 to 40 °C / 50 to 104 °F, 20 to 80%
Non-operating: -10 to 55°C / 14 to 131 °F, 20 to 80%
Operating systems and
virtualization software
Microsoft® Windows Server® 2012 Standard / Datacenter
Microsoft® Windows Server® 2012 R2 Standard / Datacenter
Red Hat® Enterprise Linux® 6.6 or later (x86_64)
VMware® ESXi™ 5.5 Update 2
VMware® ESXi™ 6.0



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com