| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L08054R7DGSTR bảng dữ liệu(PDF) 3 Page - AVX Corporation |
|
|
|||||||||||||||||||||||||||||
L08054R7DGSTR bảng dữ liệu(HTML) 3 Page - AVX Corporation |
|
3 / 3 page ![]() Typical Inductance vs. Frequency L0805 Measured on HP4291A and Wiltron 360 Vector Analyzer 100 10 1 22nH 15nH 10nH 5.6nH 1.8nH 0.01 0.1 Frequency (GHz) 110 200 100 10 1 03.5 3 2.5 2 1.5 1 0.5 15nH 10nH 6.8nH 4.7nH 2.7nH Current (A) Temperature rise will typically be no higher than shown by the graph Maximum Temperature Rise at 25°C ambient temperature (on FR-4) L0805 Accu-L ® 0603 and 0805 SMD High-Q RF Inductor Typical Q vs. Frequency L0805 Measured on HP4291A and Boonton 34A Coaxial Line 0.1 0 20 40 60 100 120 140 80 1 22nH 15nH 10nH 5.6nH 1.8nH 1.5nH 1.2nH 10 Frequency (GHz) Typical Inductance vs. Frequency L0603 15nH 8.2nH 6.8nH 4.7nH 3.3nH 2.2nH 1.8nH 1.2nH 100 10 1 0 0.5 1 1.5 Frequency (GHz) 2 2.5 3 180 160 140 120 100 80 60 40 20 0 01 2 Frequency (GHz) Q 3 1.2nH 1.5nH 5.6nH 8.2nH 15nH Typical Q vs. Frequency L0603 Measured on AGILENT 4291B/4287 using the 16196A test fixture Measured on AGILENT 4291B/4287 using the 16196A test fixture L0805 L0603 2 38 |