công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

W25Q32DWZPIP bảng dữ liệu(PDF) 39 Page - Winbond

tên linh kiện W25Q32DWZPIP
Giải thích chi tiết về linh kiện  1.8V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WINBOND [Winbond]
Trang chủ  http://www.winbond.com
Logo WINBOND - Winbond

W25Q32DWZPIP bảng dữ liệu(HTML) 39 Page - Winbond

Back Button W25Q32DWZPIP Datasheet HTML 35Page - Winbond W25Q32DWZPIP Datasheet HTML 36Page - Winbond W25Q32DWZPIP Datasheet HTML 37Page - Winbond W25Q32DWZPIP Datasheet HTML 38Page - Winbond W25Q32DWZPIP Datasheet HTML 39Page - Winbond W25Q32DWZPIP Datasheet HTML 40Page - Winbond W25Q32DWZPIP Datasheet HTML 41Page - Winbond W25Q32DWZPIP Datasheet HTML 42Page - Winbond W25Q32DWZPIP Datasheet HTML 43Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 82 page
background image
W25Q32DW
Publication Release Date: May 22, 2014
- 39 -
Revision E
10.2.18 Octal Word Read Quad I/O (E3h)
The Octal Word Read Quad I/O (E3h) instruction is similar to the Fast Read Quad I/O (EBh) instruction
except that the lower four Address bits (A0, A1, A2, A3) must equal 0. As a result, the dummy clocks are
not required, which further reduces the instruction overhead allowing even faster random access for code
execution (XIP). The Quad Enable bit (QE) of Status Register-2 must be set to enable the Octal Word
Read Quad I/O Instruction.
Octal Word
Read Quad I/O with “Continuous Read Mode”
The Octal Word Read Quad I/O instruction can further reduce instruction overhead through setting the
“Continuous Read Mode” bits (M7-0) after the input Address bits (A23-0), as shown in Figure 17a. The
upper nibble of the (M7-4) controls the length of the next Octal Word Read Quad I/O instruction through
the inclusion or exclusion of the first byte instruction code. The lower nibble bits of the (M3-
0) are don’t
care (“x”). However, the IO pins should be high-impedance prior to the falling edge of the first data out
clock.
If the “Continuous Read Mode” bits M5-4 = (1,0), then the next Fast Read Quad I/O instruction (after /CS
is raised and then lowered) does not require the E3h instruction code, as shown in Figure 17b. This
reduces the instruction sequence by eight clocks and allows the Read address to be immediately entered
after /CS is asserted low. If the “Continuous Read Mode” bits M5-4 do not equal to (1,0), the next
instruction (after /CS is raised and then lowered) requires the first byte instruction code, thus returning to
normal operation. It is recommended to input FFh on IO0 for the next instruction (8 clocks), to ensure M4
= 1 and return the device to normal operation.
M7-0
/CS
CLK
Mode 0
Mode 3
0
1
IO
0
IO
1
IO
2
IO
3
2
3
4
5
20
16
12
8
21
17
22
18
23
19
13
9
14
10
15
11
A23-16
6
7
8
9
4
0
5
1
6
2
7
3
A15-8
A7-0
Byte 1
Byte 2
4
0
5
1
6
2
7
3
4
0
5
1
6
2
7
3
4
0
5
1
6
2
7
3
10
11
12
13
14
4
5
6
7
IOs switch from
Input to Output
Byte 3
15
16
17
18
19
20
21
Instruction (E3h)
4
0
5
1
6
2
7
3
Byte 4
Figure 17a. Octal Word Read Quad I/O Instruction (Initial instruction or previous M5-4
10, SPI Mode only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com