| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STGW80V60DF bảng dữ liệu(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STGW80V60DF bảng dữ liệu(HTML) 13 Page - STMicroelectronics |
|
13 / 18 page ![]() DocID024362 Rev 2 13/18 STGW80V60DF, STGWT80V60DF Package mechanical data 4 Package mechanical data In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK ® packages, depending on their level of environmental compliance. ECOPACK ® specifications, grade definitions and product status are available at: www.st.com. ECOPACK is an ST trademark. Figure 32. TO-247 drawing Table 8. TO-247 mechanical data Dim. mm. Min. Typ. Max. A 4.85 5.15 A1 2.20 2.60 b1.0 1.40 0075325_G |