| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STGAP1STR bảng dữ liệu(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STGAP1STR bảng dữ liệu(HTML) 7 Page - STMicroelectronics |
|
7 / 67 page ![]() DocID027190 Rev 3 7/67 STGAP1S List of figures 67 List of figures Figure 1. Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Figure 2. Pin connection (top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 Figure 3. Low voltage section 3.3 V voltage regulator . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 Figure 4. High voltage section 3.3 V voltage regulator . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 Figure 5. HW cross conduction prevention in half-bridge configuration with two single gate drivers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26 Figure 6. Transitions causing the DT generation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27 Figure 7. Synchronous control signal edges . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28 Figure 8. Control edges signal overlapped, example 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28 Figure 9. Control edges signal overlapped, example 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28 Figure 10. Control edges signal not overlapped and outside DT (direct control) . . . . . . . . . . . . . . . . . 28 Figure 11. DESAT protection timing diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31 Figure 12. Example of VCE active clamping protection connection . . . . . . . . . . . . . . . . . . . . . . . . . . . 32 Figure 13. VCECLAMP timing diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32 Figure 14. Example of short turn-on pulses when 2LTO occurs at each cycle . . . . . . . . . . . . . . . . . . 34 Figure 15. Example of short turn-off pulse when 2LTO occurs at each cycle . . . . . . . . . . . . . . . . . . . 34 Figure 16. Example of operation with 2LTO in “Fault” mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35 Figure 17. Gate paths check circuitry . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38 Figure 18. SENSE comparator and resistor check circuitry . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39 Figure 19. DESAT comparator check circuitry . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41 Figure 20. SPI timings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43 Figure 21. SPI daisy chain connection example . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44 Figure 22. SPI daisy chain connection example when bootstrap technique is used for high-side drivers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44 Figure 23. Block diagram of the CRC generator . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45 Figure 24. Typical application diagram in half-bridge configuration . . . . . . . . . . . . . . . . . . . . . . . . . . 63 Figure 25. SO24W package outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64 Figure 26. SO24W suggested land pattern . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 65 |