| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
D878 bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
D878 bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
|
2 / 10 page ![]() Electrical ratings STD878, STN878 2/10 Doc ID 13836 Rev 2 1 Electrical ratings Table 2. Absolute maximum ratings Symbol Parameter Value Unit VCBO Collector-base voltage (IE = 0) 45 V VCEO Collector-emitter voltage (IB = 0) 30 V VEBO Emitter-base voltage (IC = 0) 6 V IC Collector current 5 A ICM Collector peak current (tP < 5 ms) 10 A PTOT Total dissipation at TC = 25 °C for STD878 15 W Total dissipation at Tamb = 25 °C for STN878 1.6 TSTG Storage temperature -65 to 150 °C TJ Max. operating junction temperature 150 °C Table 3. Thermal data Symbol Parameter Value Unit RthJC Thermal resistance junction-case for STD878 __max 8.3 °C/W RthJA Thermal resistance junction-ambient for STN878 (1) _max 1. Device mounted on PCB area of 1 cm2. 78 °C/W Obsolete Product(s) - Obsolete Product(s) |