| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STIPN1M50T-H bảng dữ liệu(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STIPN1M50T-H bảng dữ liệu(HTML) 16 Page - STMicroelectronics |
|
16 / 24 page ![]() Smart shutdown function STIPN1M50T-H 16/24 DocID028911 Rev 4 Figure 10: Smart shutdown timing waveforms Please refer to Table 13: "Sense comparator characteristics (VCC = 15 V unless otherwise specified)" for internal propagation delay time details. SHUTDOW N CIRCUIT An approximation of the disable time is given by: H IN /LIN H VG/LVG open-drain gate (internal) com p Vref C P+ PROTECTION Fast shutdown: the driver outputs are set to the SD state as soon as the com parator triggers even if the SD signal hasn’t reached the lowest input threshold disable tim e SD /OD GIPG080920140931FSR T/SD/OD V SMART SD LOGIC T/SD/ O D RPD_SD C SD R SD Vbias NTC RON_OD |