| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC87312VF bảng dữ liệu(PDF) 18 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
PC87312VF bảng dữ liệu(HTML) 18 Page - National Semiconductor (TI) |
|
18 / 78 page ![]() 30 FDC Register Description (Continued) TLF11362 – 4 FIGURE 3-1 FDC Functional Block Diagram The FDC contains write precompensation circuitry that will default to 125 ns for 250 300 and 500 kbs (4167 ns at 1 Mbs) These values can be overridden in software to disable write precompensation or to provide levels of pre- compensation up to 250 ns The FDC has internal 24 mA data bus buffers which allow direct connection to the sys- tem bus The internal 40 mA totem-pole disk interface buff- ers are compatible with both CMOS drive inputs and 150X resistor terminated disk drive inputs The following FDC registers are mapped into the addresses shown below with the base address range being provided by the on-chip address decoder pin For PC-AT or PS2 applications the diskette controller primary address range is 3F0 to 3F7 (hex) and the secondary address range is 370 to 377 (hex) The FDC supports three different register modes the PC-AT mode PS2 mode (Micro Channel sys- tems) and the Model 30 mode (Model 30) See Section 51 for more details on how each register mode is enabled When applicable the register definition for each mode of operation will be given If no special notes are made then the register is valid for all three register modes TABLE 3-1 Register Description and Addresses A2 A1 A0 IDENT RW Register 0 0 0 0 R Status Register A SRA 0 0 1 0 R Status Register B SRB 0 1 0 X RW Digital Output Register DOR 0 1 1 X RW Tape Drive Register TDR 1 0 0 X R Main Status Register MSR 1 0 0 X W Data Rate Select Register DSR 1 0 1 X RW Data Register (FIFO) FIFO 1 1 0 X X None (Bus TRI-STATE) 1 1 1 X R Digital Input Register DIR 1 1 1 X W Configuration Control Register CCR Note SRA and SRB are enabled by IDENT e 0 during a chip reset only 31 STATUS REGISTER A (SRA) Read Only This is a read-only diagnostic register that is part of the PS2 floppy controller register set and is enabled when in the PS2 or Model 30 mode This register monitors the state of the IRQ6 pin and some of the disk interface signals The SRA can be read at any time when in PS2 mode In the PC-AT mode D7 – D0 are TRI-STATE during a mP read 18 |