| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STGIPS10C60-H bảng dữ liệu(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STGIPS10C60-H bảng dữ liệu(HTML) 13 Page - STMicroelectronics |
|
13 / 20 page ![]() DocID025057 Rev 3 13/20 STGIPS10C60-H Smart shutdown function 20 Figure 6. Smart shutdown timing waveforms Note: Refer to Table 11 for internal propagation delay time details. SD/OD FROM/TO CONTROLLER VBIAS CSD RSD SMART SD LOGIC RON_OD SHUT DOWN CIRCUIT RPD_SD An approximation of the disable time is given by: where: HIN/LIN HVG/LVG open drain gate (internal) comp Vref CP+ PROTECTION Fast shut down: the driver outputs are set in SD state immediately after the comparator triggering even if the SD signal has not yet reach the lower input threshold disable time SD/OD AM12947v1 |