công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EM357-RTR bảng dữ liệu(PDF) 238 Page - Silicon Laboratories

tên linh kiện EM357-RTR
Giải thích chi tiết về linh kiện  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILABS [Silicon Laboratories]
Trang chủ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-RTR bảng dữ liệu(HTML) 238 Page - Silicon Laboratories

Back Button EM357-RTR Datasheet HTML 233Page - Silicon Laboratories EM357-RTR Datasheet HTML 234Page - Silicon Laboratories EM357-RTR Datasheet HTML 235Page - Silicon Laboratories EM357-RTR Datasheet HTML 236Page - Silicon Laboratories EM357-RTR Datasheet HTML 237Page - Silicon Laboratories EM357-RTR Datasheet HTML 238Page - Silicon Laboratories EM357-RTR Datasheet HTML 239Page - Silicon Laboratories EM357-RTR Datasheet HTML 240Page - Silicon Laboratories EM357-RTR Datasheet HTML 241Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 238 / 241 page
background image
238
Rev 1.3
SWJ
Serial Wire and JTAG Interface
THD
Total Harmonic Distortion
TRNG
True random number generator
TWI
Two Wire serial interface
Tx
Transmit
UART
Universal Asynchronous Receiver/Transmitter
UEV
Update event
VCO
Voltage Controlled Oscillator
Abbreviation
Meaning
dB
decibel
dBc
decibels relative to the carrier
dBm
decibels relative to 1 mW
GHz
GigaHerz
kB
Kilobyte
kbps
kilobits/second
kHz
kiloherz
kΩ
kiloOhm
kV
kiloVolt
mA
milliAmpere
Mbps
Megabits per second
MHz
megaherz
MΩ
megaOhm
MSPS
Megasamples per second
µA
microAmpere
µsec
microsecond
nH
nanohenry
ns
nanoseconds
Ω
Ohm
pF
picofarad
ppm
part per million
V
Volt
Acronym/Abbreviation
Meaning