| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EM357-RTR bảng dữ liệu(PDF) 62 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM357-RTR bảng dữ liệu(HTML) 62 Page - Silicon Laboratories |
|
62 / 241 page ![]() Rev 1.3 62 GPIO_PACLR: Address: 0x4000B014 Reset: 0x0 GPIO_PBCLR: Address: 0x4000B414 Reset: 0x0 GPIO_PCCLR: Address: 0x4000B814 Reset: 0x0 Register 7.5. GPIO_PxCLR GPIO_PACLR: Port A Output Clear Register GPIO_PBCLR: Port B Output Clear Register GPIO_PCCLR: Port C Output Clear Register Bit 31 30 29 28 27 26 25 24 Name 0 0 0 0 0 0 0 0 Bit 23 22 21 20 19 18 17 16 Name 0 0 0 0 0 0 0 0 Bit 15 14 13 12 11 10 9 8 Name 0 0 0 0 0 0 0 0 Bit 7 6 5 4 3 2 1 0 Name Px7 Px6 Px5 Px4 Px3 Px2 Px1 Px0 Bitname Bitfield Access Description Px7 [7] W Write 1 to clear the output data bit for Px7 (writing 0 has no effect). Px6 [6] W Write 1 to clear the output data bit for Px6 (writing 0 has no effect). Px5 [5] W Write 1 to clear the output data bit for Px5 (writing 0 has no effect). Px4 [4] W Write 1 to clear the output data bit for Px4 (writing 0 has no effect). Px3 [3] W Write 1 to clear the output data bit for Px3 (writing 0 has no effect). Px2 [2] W Write 1 to clear the output data bit for Px2 (writing 0 has no effect). Px1 [1] W Write 1 to clear the output data bit for Px1 (writing 0 has no effect). Px0 [0] W Write 1 to clear the output data bit for Px0 (writing 0 has no effect). |