| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EM357-RTR bảng dữ liệu(PDF) 201 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM357-RTR bảng dữ liệu(HTML) 201 Page - Silicon Laboratories |
|
201 / 241 page ![]() 201 Rev 1.3 Address: 0x4000A820 Reset: 0x0 Register 11.6. INT_MISS: Top-Level Missed Interrupts Register Bit 31 30 29 28 27 26 25 24 Name 0 0 0 0 0 0 0 0 Bit 23 22 21 20 19 18 17 16 Name 0 0 0 0 0 0 0 0 Bit 15 14 13 12 11 10 9 8 Name INT_ MISSIRQD INT_ MISSIRQC INT_ MISSIRQB INT_ MISSIRQA INT_ MISSADC INT_ MISSMACRX INT_ MISSMACTX INT_ MISSMACTMR Bit 7 6 5 4 3 2 1 0 Name INT_ MISSSEC INT_ MISSSC2 INT_ MISSSC1 INT_ MISSSLEEP INT_ MISSBB INT_ MISSMGMT 0 0 Bitname Bitfield Access Description INT_MISSIRQD [15] RW IRQD interrupt missed. INT_MISSIRQC [14] RW IRQC interrupt missed. INT_MISSIRQB [13] RW IRQB interrupt missed. INT_MISSIRQA [12] RW IRQA interrupt missed. INT_MISSADC [11] RW ADC interrupt missed. INT_MISSMACRX [10] RW MAC receive interrupt missed. INT_MISSMACTX [9] RW MAC transmit interrupt missed. INT_MISSMACTMR [8] RW MAC Timer interrupt missed. INT_MISSSEC [7] RW Security interrupt missed. INT_MISSSC2 [6] RW Serial controller 2 interrupt missed. INT_MISSSC1 [5] RW Serial controller 1 interrupt missed. INT_MISSSLEEP [4] RW Sleep timer interrupt missed. INT_MISSBB [3] RW Baseband interrupt missed. INT_MISSMGMT [2] RW Management interrupt missed. |