| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC87309VLJ bảng dữ liệu(PDF) 177 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
PC87309VLJ bảng dữ liệu(HTML) 177 Page - National Semiconductor (TI) |
|
177 / 192 page ![]() Device Specifications 177 www.national.com FIFO Mode Note: If SCR0 = 1, then tSINT = 3 RCLKs. For a time-out interrupt, tSINT = 8 RCLKs. Time-Out Mode Note: If SCR0 = 1, then tSINT = 3 RCLKs. For a time-out interrupt, tSINT = 8 RCLKs SIN Sample Clock Trigger Interrupt tRAI2 Data (5-8) Stop Active Active LSI Interrupt RD (RD LSR) RD (RD RBR) (FIFO at or above Trigger Level) (FIFO Below Trigger Level) Level tRINT tSINT Note tRAI3 Active tRINT tSINT Active Active Top Byte of FIFO Stop Note tSINT Previous Byte Read From FIFO SIN Sample Clock Time-Out or Interrupt LSI Interrupt RD (RD LSR) RD (RD RBR) (FIFO at or above Trigger Level) (FIFO Below Trigger Level) Trigger Level |