công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M24C64-WBN6TP bảng dữ liệu(PDF) 6 Page - STMicroelectronics

tên linh kiện M24C64-WBN6TP
Giải thích chi tiết về linh kiện  64Kbit and 32Kbit Serial I²C Bus EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64-WBN6TP bảng dữ liệu(HTML) 6 Page - STMicroelectronics

Back Button M24C64-WBN6TP Datasheet HTML 2Page - STMicroelectronics M24C64-WBN6TP Datasheet HTML 3Page - STMicroelectronics M24C64-WBN6TP Datasheet HTML 4Page - STMicroelectronics M24C64-WBN6TP Datasheet HTML 5Page - STMicroelectronics M24C64-WBN6TP Datasheet HTML 6Page - STMicroelectronics M24C64-WBN6TP Datasheet HTML 7Page - STMicroelectronics M24C64-WBN6TP Datasheet HTML 8Page - STMicroelectronics M24C64-WBN6TP Datasheet HTML 9Page - STMicroelectronics M24C64-WBN6TP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
M24C64, M24C32
6/26
Figure 5. I2C Bus Protocol
Table 3. Device Select Code
Note: 1. The most significant bit, b7, is sent first.
2. E0, E1 and E2 are compared against the respective external pins on the memory device.
Table 4. Most Significant Byte
Table 5. Least Significant Byte
Device Type Identifier1
Chip Enable Address2
RW
b7
b6
b5
b4
b3
b2
b1
b0
Device Select Code
1010
E2
E1
E0
RW
SCL
SDA
SCL
SDA
SDA
START
Condition
SDA
Input
SDA
Change
AI00792B
STOP
Condition
1
23
7
89
MSB
ACK
START
Condition
SCL
1
23
7
89
MSB
ACK
STOP
Condition
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26