công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HAL880 bảng dữ liệu(PDF) 5 Page - Micronas

tên linh kiện HAL880
Giải thích chi tiết về linh kiện  Programmer Board
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICRONAS [Micronas]
Trang chủ  http://www.micronas.com
Logo MICRONAS - Micronas

HAL880 bảng dữ liệu(HTML) 5 Page - Micronas

  HAL880 Datasheet HTML 1Page - Micronas HAL880 Datasheet HTML 2Page - Micronas HAL880 Datasheet HTML 3Page - Micronas HAL880 Datasheet HTML 4Page - Micronas HAL880 Datasheet HTML 5Page - Micronas HAL880 Datasheet HTML 6Page - Micronas HAL880 Datasheet HTML 7Page - Micronas HAL880 Datasheet HTML 8Page - Micronas HAL880 Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 102 page
background image
APPLICATION NOTE
HAL8xy, HAL100x
Programmer Board
Micronas
Sept. 19, 2013; APN000046_03EN
5
Release Note:
Revision bars indicate significant changes to the previous edition.
1. Introduction
The Hall programmer board V 5.1 is a general-purpose programming interface which is
capable of addressing the programmable Micronas Hall-effect sensor families HAL 8xy
and HAL 100x.
The Hall programmer board V 5.1 is fully software compatible to the Hall programmer
board V 4.1. Hence, it is possible to replace older boards by V 5.1 while keeping the
software programmer.
1.1.
Features
– Communication with a PC by serial interface (RS232)
– Data transfer to/from PC board at a Baud rate of up to 57600
– Supervised programming of the Hall-effect sensors
– Output voltage level control
– Up to four Hall-effect sensors can be connected in parallel
– Easy firmware upgrade possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More