công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCM1796DB bảng dữ liệu(PDF) 49 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
tên linh kiện PCM1796DB
Giải thích chi tiết về linh kiện  24BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1796DB bảng dữ liệu(HTML) 49 Page - Burr-Brown (TI)

Back Button PCM1796DB Datasheet HTML 45Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 46Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 47Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 48Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 49Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 50Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 51Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 52Page - Burr-Brown (TI) PCM1796DB Datasheet HTML 53Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 57 page
background image
PCM1796
SLES100 − DECEMBER 2003
www.ti.com
49
58 BCKs
Command Field
DID
LRCK
BCK
DI
DCO1
DCI2
Device ID = 1
Device ID = 2
DCO1
DCO2
DCI3
DCO29
DCI30
Device ID = 3
Device ID = 30
•
•
•
•
•
•
Figure 56. Device ID Determination Sequence
TDMCA Frame
In general, the TDMCA frame consists of the command field, extended command (EMD) field, and audio data fields.
All of them are 32 bits in length, but the lowest byte has no meaning. The MSB is transferred first for each field. The
command field is always transferred as the first packet of the frame. The EMD field is transferred if the EMD flag of
the command field is HIGH. If any EMD packets are transferred, no audio data follows the EMD packets. This frame
is for quick system initialization. All devices of a daisy chain should respond to the command field and extended
command field. The PCM1796 has two audio channels that can be selected by OPE (register 19). If the OPE bit is
not set to HIGH, those audio channels are transferred. Figure 57 shows the general TDMCA frame. If some DACs
are enabled, but corresponding audio data packets are not transferred, the analog outputs are unpredictable.
LRCK
BCK
DI
CMD
EMD
EMD
EMD
CMD
Don’t
Care
EMD
EMD
DO
Ch1
Ch(m)
Ch2
CMD
CMD
Ch2
Ch3
Ch(n)
CMD
Ch1
Ch4
DI
Ch3
Ch4
[For Initialization]
[For Operation]
32 Bits
DO
CMD
CMD
CMD
CMD
CMD
CMD
1/fS
Don’t
Care
Figure 57. General TDMCA Frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57